Electronic Components Datasheet Search |
|
27260704 Datasheet(PDF) 2 Page - PHOENIX CONTACT |
|
27260704 Datasheet(HTML) 2 Page - PHOENIX CONTACT |
2 / 6 page https://www.phoenixcontact.com/us/produkte/1893313 19.10.2012 Page 2 / 6 Plug - MSTBT 2.5/ 4-ST BK - 1893313 Technical data Technical data Insulating material PA Inflammability class according to UL 94 V2 Internal cylindrical gage A3 Stripping length 7 mm Nominal voltage, UL/CUL Use Group B 250 V Nominal current, UL/CUL Use Group B 12 A Nominal voltage, UL/CUL Use Group D 300 V Nominal current, UL/CUL Use Group D 10 A Connection data Conductor cross section solid min. 0.2 mm² Conductor cross section solid max. 2.5 mm² Conductor cross section stranded min. 0.2 mm² Conductor cross section stranded max. 2.5 mm² Conductor cross section stranded, with ferrule without plastic sleeve min. 0.25 mm² Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm² Conductor cross section stranded, with ferrule with plastic sleeve min. 0.25 mm² Conductor cross section stranded, with ferrule with plastic sleeve max. 1.5 mm² Conductor cross section AWG/kcmil min. 24 Conductor cross section AWG/kcmil max 12 2 conductors with same cross section, solid min. 0.2 mm² 2 conductors with same cross section, solid max. 1 mm² 2 conductors with same cross section, stranded min. 0.2 mm² 2 conductors with same cross section, stranded max. 1.5 mm² 2 conductors with same cross section, stranded, ferrules without plastic sleeve, min. 0.25 mm² 2 conductors with same cross section, stranded, ferrules without plastic sleeve, max. 1 mm² 2 conductors with same cross section, stranded, TWIN ferrules with plastic sleeve, min. 0.5 mm² 2 conductors with same cross section, stranded, TWIN ferrules with plastic sleeve, max. 1.5 mm² Minimum AWG according to UL/CUL 30 Maximum AWG according to UL/CUL 12 Classifications eclass eCl@ss 4.0 272607xx eCl@ss 4.1 27260701 eCl@ss 5.0 27260701 eCl@ss 5.1 27260701 |
Similar Part No. - 27260704 |
|
Similar Description - 27260704 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |