Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85366990 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 85366990
Description  Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

85366990 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  85366990 Datasheet HTML 1Page - PHOENIX CONTACT 85366990 Datasheet HTML 2Page - PHOENIX CONTACT 85366990 Datasheet HTML 3Page - PHOENIX CONTACT 85366990 Datasheet HTML 4Page - PHOENIX CONTACT 85366990 Datasheet HTML 5Page - PHOENIX CONTACT 85366990 Datasheet HTML 6Page - PHOENIX CONTACT 85366990 Datasheet HTML 7Page - PHOENIX CONTACT 85366990 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/0710222
14.05.2013   Page 5 / 8
Base strip - DFK-MSTB 2,5/ 7-GF-5,08 - 0710222
Approvals
CCA 
 
 
Nominal current IN
12 A
Nominal voltage UN
250 V
cULus Recognized 
Accessories
Accessories
Assembly
Screw set - DFK-MSTB-SS - 0708263
Screw set, for securing the header to the device wall, consists of an M3 x 10 screw, with a spring washer and a nut
 
 
Accessories - MSTB-BL - 1755477
Keying cap, for forming sections, plugs onto header pin, green insulating material
 
 
Plug/Adapter
Coding star - CR-MSTB - 1734401
Coding section, inserted into the recess in the header or the inverted plug, red insulating material
 
 
Additional products


Similar Part No. - 85366990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8536 PHOENIX-8536 Datasheet
324Kb / 23P
   AXL E EC DI16 M12 6M
logo
Integrated Device Techn...
8536-02 IDT-8536-02 Datasheet
336Kb / 18P
   Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL
logo
Renesas Technology Corp
8536-02 RENESAS-8536-02 Datasheet
490Kb / 19P
   Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL
Rev A 7/10/15
logo
ABB
8536200040 ABB-8536200040 Datasheet
16Kb / 1P
   E2N/E MS 2000 3P1000VDC NOV SPCL
85364900 ABB-85364900 Datasheet
131Kb / 6P
   100-250V50/60HZ-DC Contactor
More results

Similar Description - 85366990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1893313 PHOENIX-1893313 Datasheet
74Kb / 6P
   Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
logo
List of Unclassifed Man...
1804917 ETC2-1804917 Datasheet
95Kb / 7P
   Plug component, nominal current: 20 A, rated voltage: 400 V, pitch: 7.62 mm, no. of positions: 3, type of connection: Screw connection
logo
PHOENIX CONTACT
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
   , rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
2908993 PHOENIX-2908993 Datasheet
76Kb / 5P
   Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
   Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
   PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
   Connection honeycomb, Connection type: Screw mounting, Number of positions
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
   DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com