Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85366990 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 85366990
Description  Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

85366990 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  85366990 Datasheet HTML 1Page - PHOENIX CONTACT 85366990 Datasheet HTML 2Page - PHOENIX CONTACT 85366990 Datasheet HTML 3Page - PHOENIX CONTACT 85366990 Datasheet HTML 4Page - PHOENIX CONTACT 85366990 Datasheet HTML 5Page - PHOENIX CONTACT 85366990 Datasheet HTML 6Page - PHOENIX CONTACT 85366990 Datasheet HTML 7Page - PHOENIX CONTACT 85366990 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/0710222
14.05.2013   Page 2 / 8
Base strip - DFK-MSTB 2,5/ 7-GF-5,08 - 0710222
Technical data
Technical data
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
320 V
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Inflammability class according to UL 94
V2
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
15 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
15 A
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Classifications
ETIM
ETIM 3.0
EC001283
ETIM 4.0
EC001283
ETIM 5.0
EC001283
UNSPSC
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409


Similar Part No. - 85366990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8536 PHOENIX-8536 Datasheet
324Kb / 23P
   AXL E EC DI16 M12 6M
logo
Integrated Device Techn...
8536-02 IDT-8536-02 Datasheet
336Kb / 18P
   Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL
logo
Renesas Technology Corp
8536-02 RENESAS-8536-02 Datasheet
490Kb / 19P
   Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL
Rev A 7/10/15
logo
ABB
8536200040 ABB-8536200040 Datasheet
16Kb / 1P
   E2N/E MS 2000 3P1000VDC NOV SPCL
85364900 ABB-85364900 Datasheet
131Kb / 6P
   100-250V50/60HZ-DC Contactor
More results

Similar Description - 85366990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1893313 PHOENIX-1893313 Datasheet
74Kb / 6P
   Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
logo
List of Unclassifed Man...
1804917 ETC2-1804917 Datasheet
95Kb / 7P
   Plug component, nominal current: 20 A, rated voltage: 400 V, pitch: 7.62 mm, no. of positions: 3, type of connection: Screw connection
logo
PHOENIX CONTACT
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
   , rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
2908993 PHOENIX-2908993 Datasheet
76Kb / 5P
   Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
   Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
   PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
   Connection honeycomb, Connection type: Screw mounting, Number of positions
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
   DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com