Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1202WR Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BF1202WR
Description  N-channel dual-gate PoLo MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1202WR Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BF1202WR Datasheet HTML 4Page - NXP Semiconductors BF1202WR Datasheet HTML 5Page - NXP Semiconductors BF1202WR Datasheet HTML 6Page - NXP Semiconductors BF1202WR Datasheet HTML 7Page - NXP Semiconductors BF1202WR Datasheet HTML 8Page - NXP Semiconductors BF1202WR Datasheet HTML 9Page - NXP Semiconductors BF1202WR Datasheet HTML 10Page - NXP Semiconductors BF1202WR Datasheet HTML 11Page - NXP Semiconductors BF1202WR Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2010 Sep 16
8
NXP Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1202; BF1202R; BF1202WR
handbook, halfpage
MCD964
10
f (GHz)
Yis
(mS)
102
103
102
10
1
10−1
bis
gis
Fig.17 Input admittance as a function of frequency;
typical values.
VDS =5 V; VG2 =4 V.
ID =12mA; Tamb =25 C.
handbook, halfpage
MCD965
10
f (MHz)
102
103
103
102
10
1
−103
−102
−10
−1
yrs
(
μS)
ϕrs
(deg)
ϕrs
yrs
Fig.18 Reverse transfer admittance and phase as
a function of frequency; typical values.
VDS =5 V; VG2 =4 V.
ID =12mA; Tamb =25 C.
handbook, halfpage
102
10
1
−102
−10
−1
MCD966
10
102
103
f (MHz)
yfs
(mS)
ϕfs
(deg)
yfs
ϕfs
Fig.19 Forward transfer admittance and phase as
a function of frequency; typical values.
VDS =5 V; VG2 =4 V.
ID =12mA; Tamb =25 C.
handbook, halfpage
MCD967
10
bos
f (MHz)
Yos
(mS)
102
103
10
1
10−2
10−1
gos
Fig.20 Output admittance as a function of
frequency; typical values.
VDS =5 V; VG2 =4 V.
ID =12mA; Tamb =25 C.


Similar Part No. - BF1202WR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1202WR PHILIPS-BF1202WR Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202WR NXP-BF1202WR Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
BF1202WR NXP-BF1202WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF1202WR

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1201 PHILIPS-BF1201 Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 PHILIPS-BF1202 Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 NXP-BF1202_10 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201_2015 JMNIC-BF1201_2015 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com