Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214S0171K101 Datasheet(PDF) 9 Page - EPCOS

Part # B72214S0171K101
Description  SIOV metal oxide varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214S0171K101 Datasheet(HTML) 9 Page - EPCOS

Back Button B72214S0171K101 Datasheet HTML 5Page - EPCOS B72214S0171K101 Datasheet HTML 6Page - EPCOS B72214S0171K101 Datasheet HTML 7Page - EPCOS B72214S0171K101 Datasheet HTML 8Page - EPCOS B72214S0171K101 Datasheet HTML 9Page - EPCOS B72214S0171K101 Datasheet HTML 10Page - EPCOS B72214S0171K101 Datasheet HTML 11Page - EPCOS B72214S0171K101 Datasheet HTML 12Page - EPCOS B72214S0171K101 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
B72205S0271K101
S05K275
275
350
400
8.6
0.10
B72207S0271K101
S07K275
275
350
1200
21.0
0.25
B72210S0271K101
S10K275
275
350
2500
43.0
0.40
B72214S0271K101
S14K275
275
350
4500
71.0
0.60
B72220S0271K101
S20K275
275
350
8000
151.0
1.00
B72205S0301K101
S05K300
300
385
400
9.6
0.10
B72207S0301K101
S07K300
300
385
1200
23.0
0.25
B72210S0301K101
S10K300
300
385
2500
47.0
0.40
B72214S0301K101
S14K300
300
385
4500
76.0
0.60
B72220S0301K101
S20K300
300
385
8000
173.0
1.00
B72210S0321K101
S10K320
320
420
2500
50.0
0.40
B72214S0321K101
S14K320
320
420
4500
84.0
0.60
B72220S0321K101
S20K320
320
420
8000
184.0
1.00
B72205S0381K101
S05K385
385
505
400
13.0
0.10
B72207S0381K101
S07K385
385
505
1200
28.0
0.25
B72210S0381K101
S10K385
385
505
2500
40.0
0.40
B72214S0381K101
S14K385
385
505
4500
80.0
0.60
B72220S0381K101
S20K385
385
505
8000
150.0
1.00
B72205S0421K101
S05K420
420
560
400
14.0
0.10
B72207S0421K101
S07K420
420
560
1200
32.0
0.25
B72210S0421K101
S10K420
420
560
2500
45.0
0.40
B72214S0421K101
S14K420
420
560
4500
90.0
0.60
B72220S0421K101
S20K420
420
560
8000
175.0
1.00
B72205S0441K101
S05K440
440
585
400
16.0
0.10
B72207S0441K101
S07K440
440
585
1200
34.0
0.25
B72210S0441K101
S10K440
440
585
2500
47.0
0.40
B72214S0441K101
S14K440
440
585
4500
95.0
0.60
B72220S0441K101
S20K440
440
585
8000
185.0
1.00
B72205S0461K101
S05K460
460
615
400
18.0
0.10
B72207S0461K101
S07K460
460
615
1200
36.0
0.25
B72210S0461K101
S10K460
460
615
2500
50.0
0.40
B72214S0461K101
S14K460
460
615
4500
100.0
0.60
B72220S0461K101
S20K460
460
615
8000
195.0
1.00
Maximum ratings (TA = 85 °C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20
µs)
A
Wmax
(2 ms)
J
Pmax
W
StandarD series
Leaded varistors


Similar Part No. - B72214S0171K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S0171K101 EPCOS-B72214S0171K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214S0171K101 EPCOS-B72214S0171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0171K101 EPCOS-B72214S0171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0171K101 EPCOS-B72214S0171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0171K101 EPCOS-B72214S0171K101 Datasheet
304Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72214S0171K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com