Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72520V0300K062 Datasheet(PDF) 8 Page - EPCOS

Part # B72520V0300K062
Description  SMD Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72520V0300K062 Datasheet(HTML) 8 Page - EPCOS

Back Button B72520V0300K062 Datasheet HTML 4Page - EPCOS B72520V0300K062 Datasheet HTML 5Page - EPCOS B72520V0300K062 Datasheet HTML 6Page - EPCOS B72520V0300K062 Datasheet HTML 7Page - EPCOS B72520V0300K062 Datasheet HTML 8Page - EPCOS B72520V0300K062 Datasheet HTML 9Page - EPCOS B72520V0300K062 Datasheet HTML 10Page - EPCOS B72520V0300K062 Datasheet HTML 11Page - EPCOS B72520V0300K062 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
124 04/02
Maximum ratings (0402 … 0603: TA = 85 °C; 0805 … 2220: TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
CN0603M4G
B72500V0040M060
4
5,5
30
0,1
0,003
CN0805M4G
B72510V0040M062
4
5,5
100
0,1
0,005
CN1206M4G
B72520V0040M062
4
5,5
150
0,3
0,008
CN1210M4G
B72530V0040M062
4
5,5
250
0,4
0,010
CN1812M4G
B72580V0040M062
4
5,5
500
0,8
0,015
CN2220M4G
B72540V0040M062
4
5,5
1000
1,4
0,020
CN0603M6G
B72500V0060M060
6
8
30
0,1
0,003
CN0805M6G
B72510V0060M062
6
8
120
0,2
0,005
CN0805M6CCG B72510V5060M062
6
8
120
0,2
0,005
CN1206M6G
B72520V0060M062
6
8
200
0,4
0,008
CN1210M6G
B72530V0060M062
6
8
300
0,7
0,010
CN1812M6G
B72580V0060M062
6
8
500
1,0
0,015
CN2220M6G
B72540V0060M062
6
8
1200
3,6
0,020
CN0603M7G
B72500V0070M060
7
9
30
0,1
0,003
CN0603L8G
B72500V0080L060
8
11
30
0,1
0,003
CN0805L8G
B72510V0080L062
8
11
120
0,2
0,005
CN1206L8G
B72520V0080L062
8
11
200
0,5
0,008
CN1210L8G
B72530V0080L062
8
11
400
1,0
0,010
CN1812L8G
B72580V0080L062
8
11
800
1,8
0,015
CN2220L8G
B72540V0080L062
8
11
1200
4,2
0,020
CN0603K11G
B72500V0110K060
11
14
30
0,2
0,003
CN0805K11G
B72510V0110K062
11
14
120
0,2
0,005
CN1206K11G
B72520V0110K062
11
14
200
0,5
0,008
CN1210K11G
B72530V0110K062
11
14
400
1,2
0,010
CN1812K11G
B72580V0110K062
11
14
800
1,9
0,015
CN2220K11G
B72540V0110K062
11
14
1200
5,4
0,020
CN0402L14GK2 B72592V0140L060
14
16
10
0,01
0,003
CN0603K14G
B72500V0140K060
14
18
30
0,2
0,003
CN0805K14G
B72510V0140K062
14
18
120
0,3
0,005
CN1206K14G
B72520V0140K062
14
18
200
0,5
0,008
CN1210K14G
B72530V0140K062
14
18
400
1,5
0,010
CN1812K14G
B72580V0140K062
14
18
800
2,3
0,015
CN2220K14G
B72540V0140K062
14
18
1200
5,8
0,020
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Silver Palladium Termination (0402: Silver Platinum)
SMD Varistors


Similar Part No. - B72520V0300K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520V0300K062 EPCOS-B72520V0300K062 Datasheet
129Kb / 15P
   Multilayer technology
More results

Similar Description - B72520V0300K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
B72520V40M62 EPCOS-B72520V40M62 Datasheet
131Kb / 15P
   SMD Varistors
B72660M0600S172 EPCOS-B72660M0600S172 Datasheet
89Kb / 3P
   SMD Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
   Low Voltage SMD Varistors
08/19/2019
logo
EPCOS
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
   SMD disk varistors standard series
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com