Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214S0231K101 Datasheet(PDF) 4 Page - EPCOS

Part # B72214S0231K101
Description  SIOV metal oxide varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214S0231K101 Datasheet(HTML) 4 Page - EPCOS

  B72214S0231K101 Datasheet HTML 1Page - EPCOS B72214S0231K101 Datasheet HTML 2Page - EPCOS B72214S0231K101 Datasheet HTML 3Page - EPCOS B72214S0231K101 Datasheet HTML 4Page - EPCOS B72214S0231K101 Datasheet HTML 5Page - EPCOS B72214S0231K101 Datasheet HTML 6Page - EPCOS B72214S0231K101 Datasheet HTML 7Page - EPCOS B72214S0231K101 Datasheet HTML 8Page - EPCOS B72214S0231K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics (TA = 25 °C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc, max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
B72205S0110K101
18
±10
36
1.0
1750
B72207S0110K101
18
±10
36
2.5
2750
B72210S0110K101
18
±10
36
5.0
6250
B72214S0110K101
18
±10
36
10.0
12100
B72220S0110K101
18
±10
36
20.0
23000
B72205S0140K101
22
±10
43
1.0
1450
B72207S0140K101
22
±10
43
2.5
2300
B72210S0140K101
22
±10
43
5.0
5200
B72214S0140K101
22
±10
43
10.0
9950
B72220S0140K101
22
±10
43
20.0
19000
B72205S0170K101
27
±10
53
1.0
1200
B72207S0170K101
27
±10
53
2.5
1900
B72210S0170K101
27
±10
53
5.0
4350
B72214S0170K101
27
±10
53
10.0
8200
B72220S0170K101
27
±10
53
20.0
15600
B72205S0200K101
33
±10
65
1.0
980
B72207S0200K101
33
±10
65
2.5
1600
B72210S0200K101
33
±10
65
5.0
3650
B72214S0200K101
33
±10
65
10.0
6800
B72220S0200K101
33
±10
65
20.0
13000
B72205S0250K101
39
±10
77
1.0
850
B72207S0250K101
39
±10
77
2.5
1400
B72210S0250K101
39
±10
77
5.0
3200
B72214S0250K101
39
±10
77
10.0
5850
B72220S0250K101
39
±10
77
20.0
11100
B72205S0300K101
47
±10
93
1.0
720
B72207S0300K101
47
±10
93
2.5
1200
B72210S0300K101
47
±10
93
5.0
2750
B72214S0300K101
47
±10
93
10.0
4950
B72220S0300K101
47
±10
93
20.0
9350
StandarD series
Leaded varistors


Similar Part No. - B72214S0231K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S0231K101 EPCOS-B72214S0231K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214S0231K101 EPCOS-B72214S0231K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0231K101 EPCOS-B72214S0231K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0231K101 EPCOS-B72214S0231K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0231K101 EPCOS-B72214S0231K101 Datasheet
304Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72214S0231K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com