Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72540V0350K062 Datasheet(PDF) 5 Page - EPCOS

Part # B72540V0350K062
Description  SMD Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72540V0350K062 Datasheet(HTML) 5 Page - EPCOS

  B72540V0350K062 Datasheet HTML 1Page - EPCOS B72540V0350K062 Datasheet HTML 2Page - EPCOS B72540V0350K062 Datasheet HTML 3Page - EPCOS B72540V0350K062 Datasheet HTML 4Page - EPCOS B72540V0350K062 Datasheet HTML 5Page - EPCOS B72540V0350K062 Datasheet HTML 6Page - EPCOS B72540V0350K062 Datasheet HTML 7Page - EPCOS B72540V0350K062 Datasheet HTML 8Page - EPCOS B72540V0350K062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
121 04/02
CT0603K17G
27
± 10
46
1,0
100
1,0
238
266
CT0603K17LCG 27
± 10
50
1,0
< 50
1,0
237
266
CT0805K17G
27
± 10
46
1,0
400
1,5
239
267
CT0805K17LCG 27
+22/–81)
50
1,0
< 100
1,0
238
267
CT1206K17G
27
± 10
44
1,0
650
1,8
240
268
CT1210K17G
27
± 10
44
2,5
1800
1,8
242
269
CT1812K17G
27
± 10
44
5,0
4000
2,5
244
270
CT2220K17G
27
± 10
44
10,0
9000
3,0
245
271
CT0603K20G
33
± 10
56
1,0
90
1,0
238
266
CT0805K20G
33
± 10
56
1,0
300
1,5
239
267
CT1206K20G
33
± 10
54
1,0
600
1,8
240
268
CT1210K20G
33
± 10
54
2,5
1500
1,8
242
269
CT1812K20G
33
± 10
54
5,0
3000
2,5
244
270
CT2220K20G
33
± 10
54
10,0
7000
3,0
245
271
CT0603K25G
39
± 10
67
1,0
902)
1,0
238
266
CT0805K25G
39
± 10
67
1,0
250
1,5
239
267
CT1206K25G
39
± 10
65
1,0
550
1,8
240
268
CT1210K25G
39
± 10
65
2,5
1200
1,8
241
269
CT1812K25G
39
± 10
65
5,0
2500
2,5
244
270
CT2220K25G
39
± 10
65
10,0
5000
3,0
245
271
CT0805K30G
47
± 10
77
1,0
200
1,0
239
267
CT1206K30G
47
± 10
77
1,0
500
1,8
240
268
CT1210K30G
47
± 10
77
2,5
1000
1,8
241
269
CT1812K30G
47
± 10
77
5,0
2000
2,5
244
270
CT2220K30G
47
±+ 10
77
10,0
4000
3,0
245
271
CT1206K35G
56
± 10
90
1,0
200
1,8
238
268
CT1210K35G
56
± 10
90
2,5
600
1,8
241
269
CT1812K35G
56
± 10
90
5,0
1200
2,5
242
270
CT2220K35G
56
± 10
90
10,0
2500
3,0
245
271
CT1206K40G
68
± 10
110
1,0
250
1,8
238
268
CT1210K40G
68
± 10
110
2,5
500
1,8
241
269
CT1812K40G
68
± 10
110
5,0
1000
2,5
242
270
CT2220K40G
68
± 10
110
10,0
2000
3,0
245
271
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
pF
Ltyp
nH
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
1) C (1 MHz);
± 20%;
2) Ctyp (1 MHz)
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Nickel Barrier Termination (available upon request)
SMD Varistors
1) Tolerance differs from standard;
2) Ctyp (1 MHz)


Similar Part No. - B72540V0350K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540V0350K062 EPCOS-B72540V0350K062 Datasheet
129Kb / 15P
   Multilayer technology
More results

Similar Description - B72540V0350K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
B72520V40M62 EPCOS-B72520V40M62 Datasheet
131Kb / 15P
   SMD Varistors
B72660M0600S172 EPCOS-B72660M0600S172 Datasheet
89Kb / 3P
   SMD Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
   Low Voltage SMD Varistors
08/19/2019
logo
EPCOS
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
   SMD disk varistors standard series
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com