Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP150AUJZ-3.3-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP150AUJZ-3.3-R7
Description  Setting Up the Evaluation Board for the ADP150
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150AUJZ-3.3-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP150AUJZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UG-054
Evaluation Board User Guide
Rev. 0 | Page 4 of 8
OUTPUT VOLTAGE MEASUREMENTS
VOLTMETER
VOLTAGE SOURCE
LOAD
Figure 5. Output Voltage Measurement Setup, TSOT
VOLTAGE SOURCE
VOLTMETER
LOAD
Figure 6. Output Voltage Measurement Setup, WLCSP
Figure 5 and Figure 6 show how the evaluation board can be
connected to a voltage source and a voltage meter for basic out-
put voltage accuracy measurements. A resistor can be used as
the load for the regulator. Ensure that the resistor has a power
rating that is adequate to handle the power that is expected to
be dissipated across it. An electronic load can also be used as
an alternative. Ensure that the voltage source can supply enough
current for the expected load levels.
Follow these steps to connect to a voltage source and voltage meter:
1.
Connect the negative terminal (−) of the voltage source to
one of the GND pads on the evaluation board.
2.
Connect the positive terminal (+) of the voltage source to
the VIN pad of the evaluation board.
3.
Connect a load between the VOUT pad and one of the
GND pads.
4.
Connect the negative terminal (−) of the voltage meter to
one of the GND pads.
5.
Connect the positive terminal (+) of the voltage meter to
the VOUT pad.
When these steps are completed, the voltage source can be
turned on. If J1 is inserted (connecting EN to VIN for auto-
matic startup), the regulator powers up.
If the load current is large, the user must connect the voltage
meter as close as possible to the output capacitor to reduce the
effects of IR drops.


Similar Part No. - ADP150AUJZ-3.3-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150AUJZ-3.3-R7 AD-ADP150AUJZ-3.3-R7 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150AUJZ-3.3-R7 AD-ADP150AUJZ-3.3-R7 Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150AUJZ-3.3-R7 AD-ADP150AUJZ-3.3-R7 Datasheet
603Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP150AUJZ-3.3-R7 AD-ADP150AUJZ-3.3-R7 Datasheet
179Kb / 8P
   RedyKit for the ADP150 LDO
REV. 0
More results

Similar Description - ADP150AUJZ-3.3-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-289 AD-UG-289 Datasheet
179Kb / 8P
   RedyKit for the ADP150 LDO
REV. 0
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
STMicroelectronics
UM0842 STMICROELECTRONICS-UM0842 Datasheet
810Kb / 50P
   EVALSPEAr320PLC evaluation board for the SPEAr320
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com