Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AYF311115 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AYF311115
Description  FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF311115 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AYF311115 Datasheet HTML 1Page - Panasonic Semiconductor AYF311115 Datasheet HTML 2Page - Panasonic Semiconductor AYF311115 Datasheet HTML 3Page - Panasonic Semiconductor AYF311115 Datasheet HTML 4Page - Panasonic Semiconductor AYF311115 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AYF31
ACCTB9E 201204-T
DIMENSIONS (Unit: mm)
RECOMMENDED FPC DIMENSIONS
EMBOSSED TAPE DIMENSIONS (Unit: mm) (Common for respective contact type)
• Dimension table (Unit: mm)
Number of pins
Type of taping
A
B
C
Quantity per reel
Max. 17
Tape I
16.0
7.5
17.4
5,000
23 to 45
Tape I
24.0
11.5
25.4
5,000
51
Tape II
32.0
14.2
33.4
5,000
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
(Contact and
soldering terminals)
Terminal coplanarity
0.1
(140
°)
When the lever is opened
(FPC
insertion
depth)
3.20
0.30
0.20
3.00
(2.07)
B
±0.20
C
±0.20
(0.12)
(0.12)
(0.15)
D
±0.20
0.30
±0.10 (Terminal pitch)
0.60
±0.10 (Terminal pitch)
0.60
±0.10 (Terminal pitch)
A
Number of pins/
dimension
A
B
C
D
11
5.35
2.40
3.00
4.40
13
5.95
3.00
3.60
5.00
15
6.55
3.60
4.20
5.60
17
7.15
4.20
4.80
6.20
23
8.95
6.00
6.60
8.00
25
9.55
6.60
7.20
8.60
27
10.15
7.20
7.80
9.20
29
10.75
7.80
8.40
9.80
31
11.35
8.40
9.00
10.40
33
11.95
9.00
9.60
11.00
35
12.55
9.60
10.20
11.60
39
13.75
10.80
11.40
12.80
41
14.35
11.40
12.00
13.40
45
15.55
12.60
13.20
14.60
51
17.35
14.40
15.00
16.40
CAD Data
0.20
±0.03
(Contact width)
+0.04
–0.03
0.30
(Contact width)
+0.04
–0.03
0.30
C0.25
A
±0.1
0.20
±0.02
(0.10)
B
±0.05
0.20
±0.02
0.10 max.
0.30
±0.07
0.60
±0.07
D
±0.03
0.60
±0.02
0.60
±0.07
C
±0.03
0.30
±0.02
0.30
±0.07
0.60
±0.02
Cutting direction
Cut FPC from the copper foil side
to the reinforcing plate side.
(Finished thickness: t = 0.2
±0.03)
The conductive parts should be based by Ni plating and then Au plating.
Number of pins/
dimension
A
B
C
D
11
4.10
3.60
3.00
2.40
13
4.70
4.20
3.60
3.00
15
5.30
4.80
4.20
3.60
17
5.90
5.40
4.80
4.20
23
7.70
7.20
6.60
6.00
25
8.30
7.80
7.20
6.60
27
8.90
8.40
7.80
7.20
29
9.50
9.00
8.40
7.80
31
10.10
9.60
9.00
8.40
33
10.70
10.20
9.60
9.00
35
11.30
10.80
10.20
9.60
39
12.50
12.00
11.40
10.80
41
13.10
12.60
12.00
11.40
45
14.30
13.80
13.20
12.60
51
16.10
15.60
15.00
14.40
• Specifications for taping
• Specifications for the plastic reel
(In accordance with EIAJ ET-7200B.)
A
±0.30
Tape I
Tape II
A
±0.30
(1.75)
(1.75)
(B)
(B)
28.40
Embossed mounting-hole
Taping reel
Top cover tape
Embossed carrier tape
(C
±1)


Similar Part No. - AYF311115

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF321315 PANASONIC-AYF321315 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF321715 PANASONIC-AYF321715 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF322315 PANASONIC-AYF322315 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF322515 PANASONIC-AYF322515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
More results

Similar Description - AYF311115

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
   FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
logo
DDK Ltd.
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Hirose Electric
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
logo
Japan Aviation Electron...
FF02S JAE-FF02S Datasheet
170Kb / 8P
   0.3mm Pitch Connector for FPC
logo
Molex Electronics Ltd.
5033005310 MOLEX1-5033005310 Datasheet
42Kb / 2P
   0.25mm Pitch Easy-On Front Flip FPC Connector, Surface Mount, 1.20mm Height
5033002110 MOLEX1-5033002110 Datasheet
42Kb / 2P
   0.25mm Pitch Easy-On Front Flip FPC Connector, Surface Mount, 1.20mm Height
5047540900 MOLEX1-5047540900 Datasheet
43Kb / 2P
   0.30mm Pitch Easy-On Back Flip FPC Connector with Lock Terminal, LA75 Series
5047543500 MOLEX1-5047543500 Datasheet
43Kb / 2P
   0.30mm Pitch Easy-On Back Flip FPC Connector with Lock Terminal, LA75 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com