Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AYF330835 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AYF330835
Description  FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF330835 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AYF330835 Datasheet HTML 2Page - Panasonic Semiconductor AYF330835 Datasheet HTML 3Page - Panasonic Semiconductor AYF330835 Datasheet HTML 4Page - Panasonic Semiconductor AYF330835 Datasheet HTML 5Page - Panasonic Semiconductor AYF330835 Datasheet HTML 6Page - Panasonic Semiconductor AYF330835 Datasheet HTML 7Page - Panasonic Semiconductor AYF330835 Datasheet HTML 8Page - Panasonic Semiconductor AYF330835 Datasheet HTML 9Page - Panasonic Semiconductor AYF330835 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AYF33
ACCTB47E 201303-T
EMBOSSED TAPE DIMENSIONS (Unit: mm) (Common for respective contact type)
• Y3B Dimension table (Unit: mm)
• Y3BW Dimension table (Unit: mm)
• Connector orientation with respect to embossed tape feeding direction
NOTES
Number of pins
Type of taping
A
B
C
Quantity per reel
7 to 17
Tape I
16.00
7.50
17.40
5,000
21 to 45
Tape I
24.00
11.50
25.40
5,000
51, 61
Tape II
32.00
14.20
33.40
5,000
Number of pins
Type of taping
A
B
C
Quantity per reel
11
Tape I
16.00
7.50
17.40
5,000
25
Tape I
24.00
11.50
25.40
5,000
51
Tape II
32.00
14.20
33.40
5,000
• Specifications for taping
• Specifications for the plastic reel
(In accordance with EIAJ ET-7200B.)
28.40
(B)
(B)
(1.75)
(1.75)
(A
±0.3)
Tape I
Tape II
(A
±0.3)
Embossed mounting-hole
Taping reel
Top cover tape
Embossed carrier tape
(C
±1)
Label
Type
Direction
of tape progress
Y3B
Y3BW
1. Recommended PC board and metal
mask patterns
Connectors are mounted with high pitch
density, intervals of 0.3 mm or 0.5 mm.
In order to reduce solder and flux rise,
solder bridges and other issues make
sure the proper levels of solder is used.
The figures to the right are recommended
metal mask patterns. Please use them as
a reference.
• Y3B
No. of pins: Odd number
Recommended PC board pattern
(mounting layout)
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Front terminal portion opening area ratio: 96%)
(Back terminal portion opening area ratio: 96%)
No. of pins: Even number (8 pins)
Recommended PC board pattern
(mounting layout)
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Front terminal portion opening area ratio: 96%)
(Back terminal portion opening area ratio: 96%)
0.60
±0.03
0.60
±0.03
0.23
±0.03
0.23
±0.03
0.60
±0.01
0.22
±0.01
0.60
±0.01
0.22
±0.01
0.60
±0.03
0.23
±0.03
0.60
±0.03
0.23
±0.03
0.60
±0.01
0.22
±0.01
0.60
±0.01
0.22
±0.01


Similar Part No. - AYF330835

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311315 PANASONIC-AYF311315 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311515 PANASONIC-AYF311515 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311715 PANASONIC-AYF311715 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF312315 PANASONIC-AYF312315 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
More results

Similar Description - AYF330835

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Panasonic Semiconductor
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF530435 PANASONIC-AYF530435 Datasheet
342Kb / 6P
   FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
logo
Hirose Electric
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
logo
Molex Electronics Ltd.
PS-504754-002 MOLEX-PS-504754-002 Datasheet
908Kb / 17P
   0.3mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. J
logo
Japan Aviation Electron...
FF02S JAE-FF02S Datasheet
170Kb / 8P
   0.3mm Pitch Connector for FPC
logo
DDK Ltd.
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com