Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AYF330835 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AYF330835
Description  FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF330835 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AYF330835 Datasheet HTML 1Page - Panasonic Semiconductor AYF330835 Datasheet HTML 2Page - Panasonic Semiconductor AYF330835 Datasheet HTML 3Page - Panasonic Semiconductor AYF330835 Datasheet HTML 4Page - Panasonic Semiconductor AYF330835 Datasheet HTML 5Page - Panasonic Semiconductor AYF330835 Datasheet HTML 6Page - Panasonic Semiconductor AYF330835 Datasheet HTML 7Page - Panasonic Semiconductor AYF330835 Datasheet HTML 8Page - Panasonic Semiconductor AYF330835 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AYF33
ACCTB47E 201303-T
ORDERING INFORMATION
For FPC
Y3B/Y3BW
Series
FPC connectors
(0.3mm pitch)
Back lock
Y3BW is added.
FEATURES
1. Slim and low profile design (Pitch:
0.3 mm)
Back lock type and the slim body with a
3.15 mm depth (with the lever).
2. Mechanical design freedom is
achieved with double top and bottom
contacts
Top and bottom double contacts
eliminate the need of using different
connectors (with either top or bottom
contacts) depending on the FPC wiring
conditions.
3. Easy-to-handle back lock structure
4. Man-hours of assembly time can be
reduced by delivering the connectors
with their levers opened.
5. Wiring patterns can be placed
underneath the connector.
6. Ni barrier with high resistance to
solder creepage
7. Y3BW features advanced
functionality, including a structure to
temporarily hold the FPC and a higher
holding force.
The FPC holding contacts located on
both ends of the connector facilitate
positioning of FPC and further enhance
the FPC holding force.
(1) The inserted FPC can be temporarily
held until the lever is closed.
(2) When the lever is closed, the holding
contacts lock the FPC by its notches,
enhancing the FPC holding force.
APPLICATIONS
Mobile devices, such as cellular
phones, smartphones, digital still
cameras and digital video cameras.
Y3B
Y3BW
RoHS compliant
Unit: mm
3.15
Structure to lock
notches on both
ends of the
FPC with
holding
contacts
Applicable
FPC shapes
New
33: FPC Connector 0.3 mm pitch
(Back lock)
AYF
3
3
5
Number of pins (2 digits)
Contact direction
3: Top and bottom double contacts (Y3B)
6: Top and bottom double contacts, lock holding type (Y3BW)
Surface treatment (Contact portion / Terminal portion)
5: Au plating/Au plating (Ni barrier)


Similar Part No. - AYF330835

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311315 PANASONIC-AYF311315 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311515 PANASONIC-AYF311515 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311715 PANASONIC-AYF311715 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF312315 PANASONIC-AYF312315 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
More results

Similar Description - AYF330835

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Panasonic Semiconductor
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF530435 PANASONIC-AYF530435 Datasheet
342Kb / 6P
   FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
logo
Hirose Electric
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
logo
Molex Electronics Ltd.
PS-504754-002 MOLEX-PS-504754-002 Datasheet
908Kb / 17P
   0.3mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. J
logo
Japan Aviation Electron...
FF02S JAE-FF02S Datasheet
170Kb / 8P
   0.3mm Pitch Connector for FPC
logo
DDK Ltd.
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com