Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQ1-11400 Datasheet(PDF) 2 Page - NEC

Part # EQ1-11400
Description  Same pin-layout as conventional relay, 70% less relay volume than conventional relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EQ1-11400 Datasheet(HTML) 2 Page - NEC

  EQ1-11400 Datasheet HTML 1Page - NEC EQ1-11400 Datasheet HTML 2Page - NEC EQ1-11400 Datasheet HTML 3Page - NEC EQ1-11400 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AUTOMOTIVE RELAYS
17
5
2- 1.5+0.1/–0
( 0.059)
φ
φ
2- 1.1+0.1/–0
( 0.043)
φ
φ
1.6+0.1/–0
( 0.063)
φ
φ
12.2
(0.48)
2.0
(0.078)
2
3
1
4
1 Form c
5
2
3
1
4
1 Form a
21.3±0.5 (0.84)
14.5±0.5 (0.57)
1.5
(0.06)
2.0±0.3
(0.08)
12.2±0.3
(0.48)
*0.5±0.1
× 1.3±0.1
(0.02
× 0.04)
φ
*2- 0.7±0.1
( 0.028)
φ
*2-0.5±0.1
× 1.1±0.1
(0.02
× 0.04)
* After soldering
DIMENSIONS mm (inch)
PCB PAD LAYOUT and SCHEMATICS (bottom view) mm (inch)
SPECIFICATIONS
At 20
°C (68°F)
Items
Specification
EQ1-31000S
EQ1-11040S
EQ1-11111S
EQ1-22111S
Contact Form
1 form c
1 form a
Contact Material
Silver oxide complex alloy
Contact Resistance
5 m
Ω typical (measured at 1 A) initial
Contact Switching Voltage
16 Vdc max. 5 Vdc min.
Contact Switching Current
30 A max. (at 16 Vdc)
Contact Carrying Current
40 A (12 Vdc at 25
°C) 35 A (12 Vdc at 25°C)
(2 minutes max.)
35 A (12 Vdc at 85
°C) 30 A (12 Vdc at 85°C)
Operate Time
3 ms typical (at nominal voltage) initial
Release Time
4 ms typical (at nominal voltage. with diode) initial
Nominal Operate Power
640 mW
1000 mW
800 mW
Insulation Resistance
100 M
Ω at 500 Vdc
Breakdown Voltage
500 Vac min. for 1 minute
Shock Resistance
98 m/s2 min. [misoperating]
Vibration Resistance
10 to 300 Hz, 43 m/s2 min. [misoperating]
Ambient Temperature
–40
°C to +85°C (–40°F to +185°F)
–40
°C to +125°C (–40°F to +257°F)
Coil Temperature
70
°C/W (contact carrying current 0 A)
Life Expectancy
Mechanical
1
× 106 operations
Electrical
1
× 105 operations
1
× 105 operations
(at 14 Vdc, motor load 20 A/3 A)
(at 14 Vdc. Lamp load 120 W)
Weight
Approx. 9 g


Similar Part No. - EQ1-11400

ManufacturerPart #DatasheetDescription
logo
NEC
EQ1-11040 NEC-EQ1-11040 Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
EQ1-11040S NEC-EQ1-11040S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
EQ1-11111 NEC-EQ1-11111 Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
EQ1-11111S NEC-EQ1-11111S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
More results

Similar Description - EQ1-11400

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD6347F TOSHIBA-TD6347F Datasheet
184Kb / 6P
   CONVENTIONAL TIMER
TD6347S TOSHIBA-TD6347S Datasheet
181Kb / 6P
   CONVENTIONAL TIMER
logo
List of Unclassifed Man...
521BXT ETC2-521BXT Datasheet
256Kb / 2P
   Conventional Fire Alarms
logo
NIHON DEMPA KOGYO
YF10.0BP NDK-YF10.0BP Datasheet
83Kb / 1P
   Conventional Crystal Filter
logo
Harris Corporation
TN9300-2 HARRIS-TN9300-2 Datasheet
1Mb / 2P
   CONVENTIONAL NETWORK NODE
logo
Gamewell-FCI by Honeywe...
CIM-8 GAMEWELL-FCI-CIM-8 Datasheet
88Kb / 2P
   Conventional Input Module
logo
NIHON DEMPA KOGYO
10F7.5A NDK-10F7.5A Datasheet
93Kb / 1P
   Unlike conventional crystal filters,
logo
List of Unclassifed Man...
CS1204 ETC1-CS1204 Datasheet
117Kb / 1P
   CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
Systemsensor advanced i...
R-10T SYSTEMSENSOR-R-10T Datasheet
273Kb / 2P
   Multi-Voltage Conventional Relays
logo
American Zettler, Inc.
AZ9801 AZETTLER-AZ9801 Datasheet
92Kb / 2P
   70 AMP SUPER-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com