Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV49-C11 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZV49-C11
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV49-C11 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZV49-C11 Datasheet HTML 1Page - NXP Semiconductors BZV49-C11 Datasheet HTML 2Page - NXP Semiconductors BZV49-C11 Datasheet HTML 3Page - NXP Semiconductors BZV49-C11 Datasheet HTML 4Page - NXP Semiconductors BZV49-C11 Datasheet HTML 5Page - NXP Semiconductors BZV49-C11 Datasheet HTML 6Page - NXP Semiconductors BZV49-C11 Datasheet HTML 7Page - NXP Semiconductors BZV49-C11 Datasheet HTML 8Page - NXP Semiconductors BZV49-C11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
27
25.1
28.9
25
80
21.4
23.4
25.3
2
50
0.05
18.9
1.0
30
28.0
32.0
30
80
24.4
26.6
29.4
2
50
0.05
21.0
1.0
33
31.0
35.0
35
80
27.4
29.7
33.4
2
45
0.05
23.1
0.9
36
34.0
38.0
35
90
30.4
33.0
37.4
2
45
0.05
25.2
0.8
39
37.0
41.0
40
130
33.4
36.4
41.2
2
45
0.05
27.3
0.7
43
40.0
46.0
45
150
37.6
41.2
46.6
2
40
0.05
30.1
0.6
47
44.0
50.0
50
170
42.0
46.1
51.8
2
40
0.05
32.9
0.5
51
48.0
54.0
60
180
46.6
51.0
57.2
2
40
0.05
35.7
0.4
56
52.0
60.0
70
200
52.2
57.0
63.8
2
40
0.05
39.2
0.3
62
58.0
66.0
80
215
58.8
64.4
71.6
2
35
0.05
43.4
0.3
68
64.0
72.0
90
240
65.6
71.7
79.8
2
35
0.05
47.6
0.25
75
70.0
79.0
95
255
73.4
80.2
88.6
2
35
0.05
52.5
0.2
BZV49-
CXXX
WORKING
VOLTAGE
VZ (V)
at IZtest
DIFFERENTIAL
RESISTANCE
rdif (Ω)
at IZtest
TEMP. COEFF.
SZ (mV/K)
at IZtest
see Figs 4 and 5
TEST
CURRENT
IZtest (mA)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
at VR = 0 V
REVERSE
CURRENT at
REVERSE
VOLTAGE
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A)
at tp = 100 μs;
Tamb = 25 °C
IR (μA)
VR
(V)
MIN.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
MAX.
MAX.
MAX.


Similar Part No. - BZV49-C11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV49-C11 PHILIPS-BZV49-C11 Datasheet
65Kb / 10P
   Voltage regulator diodes
2005 Feb 03
logo
Nexperia B.V. All right...
BZV49-C11 NEXPERIA-BZV49-C11 Datasheet
490Kb / 11P
   Voltage regulator diodes
2005 Feb 03
More results

Similar Description - BZV49-C11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com