Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSMB2948SL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSMB2948SL
Description  High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMB2948SL Datasheet(HTML) 3 Page - Vishay Siliconix

  VSMB2948SL Datasheet HTML 1Page - Vishay Siliconix VSMB2948SL Datasheet HTML 2Page - Vishay Siliconix VSMB2948SL Datasheet HTML 3Page - Vishay Siliconix VSMB2948SL Datasheet HTML 4Page - Vishay Siliconix VSMB2948SL Datasheet HTML 5Page - Vishay Siliconix VSMB2948SL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VSMB2948SL
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 07-Feb-13
3
Document Number: 83498
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Forward Voltage vs. Ambient Temperature
Fig. 5 - Radiant Intensity vs. Forward Current
Fig. 6 - Relative Radiant Intensity vs. Ambient Temperature
Fig. 7 - Relative Radiant Power vs. Wavelength
Fig. 8 - Relative Radiant Intensity vs. Angular Displacement
1
10
100
1000
0.5
0.7
1.7
1.9
t
p = 100 µs
VF - Forward Voltage (V)
1.5
1.3
1.1
0.9
90
92
94
96
98
100
102
104
106
108
110
- 40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
I
F = 100 mA
I
F = 10 mA
I
F = 1 mA
21443
t
p = 20 ms
0.1
10
100
1000
0.001
0.1
1
t
p = 100 µs
IF - Forward Current (A)
1
0.01
40
60
80
100
120
140
160
180
- 60
- 40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
t
p = 20 ms
I
F = 1 mA
21444
I
F = 100 mA
0
10
20
30
40
50
60
70
80
90
100
840
880
920
960
1000
1040
λ - Wavelength (nm)
21445
I
F = 30 mA
22690
0.4
0.2
0
0.6
10°
20°
0.9
0.8
30°
40°
50°
60°
70°
80°
0.7
1.0


Similar Part No. - VSMB2948SL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB2948SL VISHAY-VSMB2948SL Datasheet
84Kb / 3P
   VSOP98260 for IR Code Learning Applications
Revision: 19-Jul-12
VSMB2948SL VISHAY-VSMB2948SL Datasheet
154Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
01-Jan-2022
VSMB2948SL VISHAY-VSMB2948SL Datasheet
153Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
01-Jan-2023
VSMB2948SL VISHAY-VSMB2948SL_V01 Datasheet
154Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
01-Jan-2022
VSMB2948SL VISHAY-VSMB2948SL_V02 Datasheet
153Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Similar Description - VSMB2948SL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB2943SLX01 VISHAY-VSMB2943SLX01 Datasheet
152Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
Rev. 1.0, 26-Feb-13
VSMB2943RGX01 VISHAY-VSMB2943RGX01 Datasheet
213Kb / 8P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
Rev. 1.5, 26-Feb-13
VSMB2948G VISHAY-VSMB2948G_V02 Datasheet
208Kb / 8P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
01-Jan-2023
VSMB2948RG VISHAY-VSMB2948RG Datasheet
206Kb / 8P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
Rev. 1.0, 17-May-13
VSMB2948G VISHAY-VSMB2948G_V01 Datasheet
209Kb / 8P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
01-Jan-2022
VSMB14940 VISHAY-VSMB14940_V01 Datasheet
139Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
01-Jan-2022
VSMB2948SL VISHAY-VSMB2948SL_V02 Datasheet
153Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
01-Jan-2023
VSMB14942 VISHAY-VSMB14942 Datasheet
168Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
Rev. 1.1, 12-Aug-15
VSMB2948SL VISHAY-VSMB2948SL_V01 Datasheet
154Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
01-Jan-2022
VSMB14940 VISHAY-VSMB14940_V02 Datasheet
139Kb / 6P
   High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com