Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AYF313315 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AYF313315
Description  FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF313315 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AYF313315 Datasheet HTML 1Page - Panasonic Semiconductor AYF313315 Datasheet HTML 2Page - Panasonic Semiconductor AYF313315 Datasheet HTML 3Page - Panasonic Semiconductor AYF313315 Datasheet HTML 4Page - Panasonic Semiconductor AYF313315 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AYF31
ACCTB9E 201204-T
PRODUCT TYPES
Notes: 1. Order unit;
For volume production: 1-inner carton (1-reel) units
Samples for mounting check: 50-connector units. Please contact our sales office.
2. Please contact our sales office for connectors having a number of pins other than those listed above.
SPECIFICATIONS
1. Characteristics
2. Material and surface treatment
Height
Number of pins
Part number
Packing
Inner carton
Outer carton
0.9 mm
11
AYF311115
5,000 pieces
10,000 pieces
13
AYF311315
15
AYF311515
17
AYF311715
23
AYF312315
25
AYF312515
27
AYF312715
29
AYF312915
31
AYF313115
33
AYF313315
35
AYF313515
39
AYF313915
41
AYF314115
45
AYF314515
51
AYF315115
Item
Specifications
Conditions
Electrical
characteristics
Rated current
0.2A/pin contact
Rated voltage
50V AC/DC
Insulation resistance
Min. 1,000M
Ω (initial)
Using 250V DC megger (applied for 1 min.)
Breakdown voltage
150V AC for 1 min.
No short-circuiting or damage at a detection current of 1 mA
when the specified voltage is applied for one minute.
Contact resistance
Max. 80m
Based on the contact resistance measurement method
specified by JIS C 5402.
Mechanical
characteristics
FPC holding force
Min. 0.23N/pin contacts
× pin contacts (initial)
Measurement of the maximum force applied until the
inserted compatible FPC is pulled out in the insertion axis
direction while the connector lever is closed
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures. No dew condensation.
Storage temperature
–55
°C to +85°C (product only)
–40
°C to +50°C (emboss packing)
Thermal shock resistance
(with FPC inserted)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 80m
Conformed to MIL-STD-202F, method 107G
Humidity resistance
(with FPC inserted)
120 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 80m
Bath temperature 40
±2°C,
humidity 90 to 95% R.H.
Saltwater spray resistance
(with FPC inserted)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 80m
Bath temperature 35
±2°C,
saltwater concentration 5
±1%
H2S resistance
(with FPC inserted)
48 hours,
contact resistance max. 80m
Bath temperature 40
±2°C, gas concentration 3±1 ppm,
humidity 75 to 80% R.H.
Soldering heat resistance
Peak temperature: 260
°C or less
Reflow soldering
300
°C within 5 sec. 350°C within 3 sec.
Soldering iron
Lifetime
characteristics
Insertion and removal life
30 times
Repeated insertion and removal: min. 10 sec./time
Unit weight
51 pin contact type: 0.09 g
Part name
Material
Surface treatment
Molded portion
Housing: LCP resin (UL94V-0)
Lever: LCP resin (UL94V-0)
Contact
Copper alloy
Contact portion; Base: Ni plating, Surface: Au plating
Terminal portion; Base: Ni plating, Surface: Au plating
Soldering terminals portion
Copper alloy
Base: Ni plating, Surface: Au plating
Order Temperature (
°C)
Time (minutes)
1
2
3
4
–55
85
–55
0
−3
30
Max. 5
30
Max. 5
+3
0
0
−3


Similar Part No. - AYF313315

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF321315 PANASONIC-AYF321315 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF321715 PANASONIC-AYF321715 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF322315 PANASONIC-AYF322315 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF322515 PANASONIC-AYF322515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
More results

Similar Description - AYF313315

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
   FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
logo
DDK Ltd.
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Hirose Electric
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
logo
Japan Aviation Electron...
FF02S JAE-FF02S Datasheet
170Kb / 8P
   0.3mm Pitch Connector for FPC
logo
Molex Electronics Ltd.
5033005310 MOLEX1-5033005310 Datasheet
42Kb / 2P
   0.25mm Pitch Easy-On Front Flip FPC Connector, Surface Mount, 1.20mm Height
5033002110 MOLEX1-5033002110 Datasheet
42Kb / 2P
   0.25mm Pitch Easy-On Front Flip FPC Connector, Surface Mount, 1.20mm Height
5047540900 MOLEX1-5047540900 Datasheet
43Kb / 2P
   0.30mm Pitch Easy-On Back Flip FPC Connector with Lock Terminal, LA75 Series
5047543500 MOLEX1-5047543500 Datasheet
43Kb / 2P
   0.30mm Pitch Easy-On Back Flip FPC Connector with Lock Terminal, LA75 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com