Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68013-56LFC Datasheet(PDF) 5 Page - Analog Devices

Part # CY7C68013-56LFC
Description  Evaluating the ADT7320/ADT7420 Temperature Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CY7C68013-56LFC Datasheet(HTML) 5 Page - Analog Devices

  CY7C68013-56LFC Datasheet HTML 1Page - Analog Devices CY7C68013-56LFC Datasheet HTML 2Page - Analog Devices CY7C68013-56LFC Datasheet HTML 3Page - Analog Devices CY7C68013-56LFC Datasheet HTML 4Page - Analog Devices CY7C68013-56LFC Datasheet HTML 5Page - Analog Devices CY7C68013-56LFC Datasheet HTML 6Page - Analog Devices CY7C68013-56LFC Datasheet HTML 7Page - Analog Devices CY7C68013-56LFC Datasheet HTML 8Page - Analog Devices CY7C68013-56LFC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Evaluation Board User Guide
UG-138
Rev. A | Page 5 of 16
DEVICE EVALUATION SOFTWARE
After you complete the device and board selections, the evalua-
tion software loads, allowing full control over the selected
device. The software layout is the same for both the ADT7320
and ADT7420. There are three tabs in the evaluation software:
Configuration Register
Temperature Monitor
ADT7x20 Registers
The evaluation software also has Easy Setup and Close options.
Configuration Register
This tab allows you full control over the configuration register
of the selected device, as shown in Figure 7. At startup, the
evaluation software initializes the configuration register to the
default value of 0x90 (hexadecimal). For more details on how to
set the configuration register, consult the device data sheet.
Figure 7. Configuration Register Tab


Similar Part No. - CY7C68013-56LFC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013-56LFC CYPRESS-CY7C68013-56LFC Datasheet
1Mb / 48P
   EZ-USB FX2 USB Microcontroller
CY7C68013-56LFC CYPRESS-CY7C68013-56LFC Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
More results

Similar Description - CY7C68013-56LFC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-138 AD-UG-138 Datasheet
935Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
EVAL-ADP7158 AD-EVAL-ADP7158 Datasheet
217Kb / 8P
   Evaluating the ADP7158 Ultralow Noise
EVAL-ADP7156 AD-EVAL-ADP7156 Datasheet
210Kb / 8P
   Evaluating the ADP7156 Ultralow Noise
UG-744 AD-UG-744 Datasheet
392Kb / 7P
   Evaluating the AD8273/AD8277/AD8279 Difference Amplifiers
Rev. A
UG-521 AD-UG-521 Datasheet
248Kb / 8P
   Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
   Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
STMicroelectronics
AN2648 STMICROELECTRONICS-AN2648 Datasheet
167Kb / 15P
   Increasing the resolution of analog temperature sensors
logo
Analog Devices
UG-042 AD-UG-042 Datasheet
526Kb / 8P
   Evaluating the 16-Lead SOIC and the 16-Lead QSOP Digital Isolators
DC2873A AD-DC2873A Datasheet
1Mb / 12P
   Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com