Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y3B Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # Y3B
Description  FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

Y3B Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button Y3B Datasheet HTML 2Page - Panasonic Semiconductor Y3B Datasheet HTML 3Page - Panasonic Semiconductor Y3B Datasheet HTML 4Page - Panasonic Semiconductor Y3B Datasheet HTML 5Page - Panasonic Semiconductor Y3B Datasheet HTML 6Page - Panasonic Semiconductor Y3B Datasheet HTML 7Page - Panasonic Semiconductor Y3B Datasheet HTML 8Page - Panasonic Semiconductor Y3B Datasheet HTML 9Page - Panasonic Semiconductor Y3B Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AYF33
ACCTB47E 201303-T
• Y3BW
Recommended PC board pattern
(mounting layout)
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Front terminal portion opening area ratio: 96%)
(Back terminal portion opening area ratio: 96%)
0.60
±0.03
0.23
±0.03
0.30
±0.03
0.60
±0.03
0.23
±0.03
: Insulation
0.60
±0.01
0.22
±0.01
0.60
±0.01
0.22
±0.01
Please refer to the latest product
specifications when designing your
product.


Similar Description - Y3B

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Panasonic Semiconductor
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
AYF530435 PANASONIC-AYF530435 Datasheet
342Kb / 6P
   FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
   FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
logo
Hirose Electric
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
   Low Profile 0.3mm Pitch Connectors For FPC
logo
Molex Electronics Ltd.
PS-504754-002 MOLEX-PS-504754-002 Datasheet
908Kb / 17P
   0.3mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. J
logo
Japan Aviation Electron...
FF02S JAE-FF02S Datasheet
170Kb / 8P
   0.3mm Pitch Connector for FPC
logo
DDK Ltd.
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com