Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AYF531465 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AYF531465
Description  FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF531465 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AYF531465 Datasheet HTML 1Page - Panasonic Semiconductor AYF531465 Datasheet HTML 2Page - Panasonic Semiconductor AYF531465 Datasheet HTML 3Page - Panasonic Semiconductor AYF531465 Datasheet HTML 4Page - Panasonic Semiconductor AYF531465 Datasheet HTML 5Page - Panasonic Semiconductor AYF531465 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AYF53
ACCTB1E 201204-T
DIMENSIONS (Unit: mm)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
0.50
±0.10
B
±0.20
C
±0.20
A
Terminal coplanarity
0.1
(Contact and
soldering terminals)
(3.70)
0.30
(0.15)
(0.15)
2.90
3.20
0.50
(1.50)
1.60
(Suction
area)
(FPC
insertion
depth)
Y5B
Number of pins/
dimension
A
B
C
4
4.00
3.36
1.50
5
4.50
3.86
2.00
6
5.00
4.36
2.50
8
6.00
5.36
3.50
10
7.00
6.36
4.50
12
8.00
7.36
5.50
14
9.00
8.36
6.50
16
10.00
9.36
7.50
24
14.00
13.36
11.50
28
16.00
15.36
13.50
30
17.00
16.36
14.50
32
18.00
17.36
15.50
34
19.00
18.36
16.50
40
22.00
21.36
19.50
42
23.00
22.36
20.50
50
27.00
26.36
24.50
CAD Data
(A+1)
±0.05
A
±0.03
0.30
±0.03
R0.20
0.50
±0.07
0.50
±0.03
(FPC) 0.35
±0.03
(FFC) 0.30
±0.03
Cutting direction
Cut FPC from the copper foil side
to the reinforcing plate side.
Y5B RECOMMENDED FPC/FFC DIMENSIONS
(Finished thickness: t = 0.3
±0.03)
The conductive parts should be based by Ni plating and then Au plating.
Number of pins/
dimension
A
4
1.50
5
2.00
6
2.50
8
3.50
10
4.50
12
5.50
14
6.50
16
7.50
24
11.50
28
13.50
30
14.50
32
15.50
34
16.50
40
19.50
42
20.50
50
24.50
0.50
±0.10
B
±0.20
D
±0.20
C
±0.20
A
Terminal coplanarity
3.70
(0.30)
(0.15)
(0.15)
(0.15)
2.90
3.20
(0.50)
(1.50)
(FPC
insertion
depth)
0.1
(Contact, holding
contact and
soldering terminals)
1.60
(Suction
area)
Y5BW
Number of pins/
dimension
A
B
C
D
2
4.00
3.36
1.50
0.50
3
4.50
3.86
2.00
1.00
4
5.00
4.36
2.50
1.50
6
6.00
5.36
3.50
2.50
8
7.00
6.36
4.50
3.50
10
8.00
7.36
5.50
4.50
12
9.00
8.36
6.50
5.50
14
10.00
9.36
7.50
6.50
22
14.00
13.36
11.50
10.50
26
16.00
15.36
13.50
12.50
28
17.00
16.36
14.50
13.50
30
18.00
17.36
15.50
14.50
32
19.00
18.36
16.50
15.50
38
22.00
21.36
19.50
18.50
40
23.00
22.36
20.50
19.50
48
27.00
26.36
24.50
23.50
CAD Data


Similar Part No. - AYF531465

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
More results

Similar Description - AYF531465

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
   FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
   Low Profile 0.5mm Pitch Connectors For FPC
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
   FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
FHY JST-FHY Datasheet
72Kb / 2P
   FHY CONNECTOR 0.5mm pitch/Connectors for FPC
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
DDK Ltd.
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com