Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72205S0461K101 Datasheet(PDF) 6 Page - EPCOS

Part # B72205S0461K101
Description  SIOV metal oxide varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72205S0461K101 Datasheet(HTML) 6 Page - EPCOS

Back Button B72205S0461K101 Datasheet HTML 2Page - EPCOS B72205S0461K101 Datasheet HTML 3Page - EPCOS B72205S0461K101 Datasheet HTML 4Page - EPCOS B72205S0461K101 Datasheet HTML 5Page - EPCOS B72205S0461K101 Datasheet HTML 6Page - EPCOS B72205S0461K101 Datasheet HTML 7Page - EPCOS B72205S0461K101 Datasheet HTML 8Page - EPCOS B72205S0461K101 Datasheet HTML 9Page - EPCOS B72205S0461K101 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
B72205S0350K101
56
±10
110
1.0
620
B72207S0350K101
56
±10
110
2.5
1050
B72210S0350K101
56
±10
110
5.0
2400
B72214S0350K101
56
±10
110
10.0
4200
B72220S0350K101
56
±10
110
20.0
8000
B72205S0400K101
68
±10
135
1.0
520
B72207S0400K101
68
±10
135
2.5
900
B72210S0400K101
68
±10
135
5.0
2100
B72214S0400K101
68
±10
135
10.0
3550
B72220S0400K101
68
±10
135
20.0
6750
B72205S0500K101
82
±10
135
5.0
300
B72207S0500K101
82
±10
135
10.0
530
B72210S0500K101
82
±10
135
25.0
950
B72214S0500K101
82
±10
135
50.0
1800
B72220S0500K101
82
±10
135
100.0
3800
B72205S0600K101
100
±10
165
5.0
250
B72207S0600K101
100
±10
165
10.0
480
B72210S0600K101
100
±10
165
25.0
870
B72214S0600K101
100
±10
165
50.0
1650
B72220S0600K101
100
±10
165
100.0
3600
B72205S0750K101
120
±10
200
5.0
210
B72207S0750K101
120
±10
200
10.0
430
B72210S0750K101
120
±10
200
25.0
720
B72214S0750K101
120
±10
200
50.0
1370
B72220S0750K101
120
±10
200
100.0
2900
B72205S0950K101
150
±10
250
5.0
135
B72207S0950K101
150
±10
250
10.0
260
B72210S0950K101
150
±10
250
25.0
530
B72214S0950K101
150
±10
250
50.0
870
B72220S0950K101
150
±10
250
100.0
1830
Characteristics (TA = 25 °C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc, max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
StandarD series
Leaded varistors


Similar Part No. - B72205S0461K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0461K101 EPCOS-B72205S0461K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72205S0461K101 EPCOS-B72205S0461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72205S0461K101 EPCOS-B72205S0461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72205S0461K101 EPCOS-B72205S0461K101 Datasheet
304Kb / 36P
   SIOV metal oxide varistors
B72205S0461K101 EPCOS-B72205S0461K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72205S0461K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com