Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXN320038S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXN320038S
Description  Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXN320038S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXN320038S Datasheet HTML 1Page - Panasonic Semiconductor AXN320038S Datasheet HTML 2Page - Panasonic Semiconductor AXN320038S Datasheet HTML 3Page - Panasonic Semiconductor AXN320038S Datasheet HTML 4Page - Panasonic Semiconductor AXN320038S Datasheet HTML 5Page - Panasonic Semiconductor AXN320038S Datasheet HTML 6Page - Panasonic Semiconductor AXN320038S Datasheet HTML 7Page - Panasonic Semiconductor AXN320038S Datasheet HTML 8Page - Panasonic Semiconductor AXN320038S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXN(1/3/4)
ACCTB25E 201303-T
SPECIFICATIONS
1. Characteristics
2. Material and surface treatment
Item
Specifications
Conditions
3mm, 3.5mm, 4mm, 4.5mm,
5.0mm, 5.5mm, 6.0mm, 7.0mm,
8.0mm, 13.0mm, 14.0mm type
11.5mm type
Electrical
characteristics
Rated current
0.5A
Rated voltage
60V AC/DC
Breakdown voltage
250V AC for 1 minute
Detection current: 1mA
Insulation resistance
Min. 1,000M
Using 500V DC megger
Contact resistance
Max. 60m
Max. 50m
Based on the contact resistance
measurement method specified by
JIS C 5402.
Mechanical
characteristics
Composite insertion force
Max. 43.1N (30 pin contacts)
Max. 0.785N
× no. of pins (initial)
Composite removal force
Min. 6.37N (30 pin contacts)
Min. 0.127N
× no. of pins
Contact holding force
40 pin contacts or less:
Min. 1.96N
50 pin contacts or more:
Min. 0.981N
Min. 1.96N
Measuring the maximum force.
As the contact is axially pull out.
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures
Soldering heat resistance
Max. peak temperature of 245
°C (on the surface of the PC board
around the connector terminals)
Infrared reflow soldering
300
°C within 5 seconds
Soldering iron
Storage temperature
–55
°C to +85°C (product only)
–40
°C to +50°C (standard packing)
No freezing at low temperatures.
No dew condensation.
Thermal shock resistance
(header and socket mated)
5 cycles,
insulation resistance
min. 100M
Ω,
contact resistance
max. 60m
5 cycles,
insulation resistance
min. 100M
Ω,
contact resistance
max. 50m
Conformed to MIL-STD-202F, method 107G
Humidity resistance
(header and socket mated)
120 hours, insulation resistance
min. 100M
Ω,
contact resistance
max. 60m
240 hours, insulation resistance
min. 100M
Ω,
contact resistance
max. 50m
Bath temperature 40
±2°C,
humidity 90 to 95% R.H.
Saltwater spray resistance
(header and socket mated)
24 hours, insulation resistance
min. 100M
Ω,
contact resistance
max. 60m
48 hours, insulation resistance
min. 100M
Ω,
contact resistance
max. 50m
Bath temperature 35
±2°C,
saltwarter concentration 5
±1%
H2S resistance
(header and socket mated)
48 hours, contact resistance
max. 60m
96 hours, contact resistance
max. 50m
Bath temperature 40
±2°C,
gas concentration 3
±1 ppm,
humidity 75 to 80% R.H.
SO2 resistance
(header and socket mated)
48 hours, contact resistance
max. 60m
96 hours, contact resistance
max. 50m
Bath temperature 40
±2°C,
gas concentration 10
±3 ppm,
humidity 90 to 95% R.H.
Lifetime
characteristics
Insertion and removal life
50 times
100 times
Repeated insertion and removal speed of
max. 200 times/hours
Unit weight
Mated height 3mm 30 pin contacts; Socket: 0.26g Header: 0.26g
50 pin contacts; Socket: 0.40g Header: 0.44g
Part name
3.0mm, 3.5mm, 4.0mm, 4.5mm, 5.0mm, 5.5mm,
6.0mm, 7.0mm, 8.0mm, 13.0mm, 14.0mm type
11.5mm type
Material
Surface treatment
Material
Surface treatment
Molded portion
Heat-resistant resin
(UL94V-0)
LCP resin
(UL94V-0)
Bracket
Copper alloy
Cu plating on base, Sn plating on surface
Contact
Copper alloy
Contact portion:
Ni plating on base, Au plating on surface
Terminal portion:
Ni plating on base, Au plating on surface
(Except for thick of terminal)
Copper alloy
Contact portion:
Ni plating on base, Au plating on surface
Terminal portion:
Ni plating on base, Au plating on surface
(Except for thick of terminal)
Order Temperature (
°C)
Time (minutes)
1
2
3
4
–55
85
–55
0
−3
30
Max. 5
30
Max. 5
+3
0
0
−3


Similar Part No. - AXN320038S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results

Similar Description - AXN320038S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com