Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2-L-3V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # TQ2-L-3V
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2-L-3V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  TQ2-L-3V Datasheet HTML 1Page - Panasonic Semiconductor TQ2-L-3V Datasheet HTML 2Page - Panasonic Semiconductor TQ2-L-3V Datasheet HTML 3Page - Panasonic Semiconductor TQ2-L-3V Datasheet HTML 4Page - Panasonic Semiconductor TQ2-L-3V Datasheet HTML 5Page - Panasonic Semiconductor TQ2-L-3V Datasheet HTML 6Page - Panasonic Semiconductor TQ2-L-3V Datasheet HTML 7Page - Panasonic Semiconductor TQ2-L-3V Datasheet HTML 8Page - Panasonic Semiconductor TQ2-L-3V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
3) 2 coil latching (2 Form C)
[M.B.B. type]
*Pulse drive (JIS C 5442-1986)
2. Specifications
Notes: *1 AC is standard (B.B.M) type only.
*2 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load. (TX/TX-S/TX-D relay AgPd contact type are available for low level load switching [10V DC, 10mA max. level])
*3 Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24).
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
3V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
66.7mA
66.7mA
45
45
200mW
200mW
150%V of
nominal voltage
4.5V DC
44.4mA
44.4mA
101.2
101.2
5V DC
40mA
40mA
125
125
6V DC
33.3mA
33.3mA
180
180
9V DC
22.2mA
22.2mA
405
405
12V DC
16.7mA
16.7mA
720
720
24V DC
12.5mA
12.5mA
1,920
1,920
300mW
300mW
120%V of
nominal voltage
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
3V DC
80%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
66.7mA
45
200mW
150%V of
nominal voltage
4.5V DC
44.4mA
101
5V DC
40mA
125
6V DC
33.3mA
180
9V DC
22.2mA
405
12V DC
16.7mA
720
24V DC
8.3mA
2,880
Characteristics
Item
Specifications
Contact
Arrangement
2 Form C, 2 Form D (M.B.B.)
Initial contact resistance, max.
Max. 50m
Ω (By voltage drop 6 V DC 1A)
Contact material
Ag+Au clad
Rating
Nominal switching capacity
1 A 30 V DC, 0.5 A 125 V AC*1 (resistive load)
Max. switching power
30 W (DC), 62.5 V A (AC)*1 (resistive load)
Max. switching voltage
110 V DC, 125 V AC*1
Max. switching current
1 A
Min. switching capacity (Reference value)*2
10
µA 10mV DC
Nominal
operating power
Single side stable
Standard (B.B.M) type: 140 mW (3 to 12 V DC), 200 mW (24 V DC), 300 mW (48 V DC)
M.B.B. type: 200 mW
1 coil latching
100 mW (3 to 12 V DC), 150 mW (24 V DC)
2 coil latching
200 mW (3 to 12 V DC), 300 mW (24 V DC)
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC)
Measurement at same location as “Initial breakdown voltage” section.
Breakdown
voltage (Initial)
Between open contacts
Standard (B.B.M) type: 750 Vrms for 1min. (Detection current: 10 mA),
M.B.B. type: 300 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
1,000 Vrms for 1min. (Detection current: 10 mA)
Between contact sets
1,000 Vrms for 1min. (Detection current: 10 mA)
Temperature rise (at 20
°C 68°F)
Max. 50
°C (By resistive method, nominal coil voltage applied to the coil; contact carrying current: 1A.)
Operate time [Set time] (at 20
°C 68°F)
Max. 3 ms [Max. 3 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 3 ms [Max. 3 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
(without diode)
Mechanical
characteristics
Shock
resistance
Functional
Min. 490 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration
resistance
Functional
10 to 55 Hz at double amplitude of 3 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Expected life
Mechanical (at 180 cpm)
Standard (B.B.M) type: Min. 108, M.B.B. type: Min. 107
Electrical (at 20 cpm)
Standard (B.B.M) type: Min. 2
×105 (1 A 30 V DC resistive), Min. 105 (0.5 A 125 V AC resistive)
M.B.B. type: Min. 105 (1 A 30 V DC resistive)
Conditions
Conditions for operation, transport and
storage*3
Standard (B.B.M) type:
Ambient temperature: –40
°C to +70°C –40°F to +158°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
M.B.B. type:
Ambient temperature: –40
°C to +50°C –40°F to +122°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
20 cpm
Unit weight
Approx. 1.5 g .053 oz


Similar Part No. - TQ2-L-3V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2-L-3V NAIS-TQ2-L-3V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
More results

Similar Description - TQ2-L-3V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
   Measurement Equipment
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com