Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK5F10347YG Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AXK5F10347YG
Description  Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5F10347YG Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXK5F10347YG Datasheet HTML 1Page - Panasonic Semiconductor AXK5F10347YG Datasheet HTML 2Page - Panasonic Semiconductor AXK5F10347YG Datasheet HTML 3Page - Panasonic Semiconductor AXK5F10347YG Datasheet HTML 4Page - Panasonic Semiconductor AXK5F10347YG Datasheet HTML 5Page - Panasonic Semiconductor AXK5F10347YG Datasheet HTML 6Page - Panasonic Semiconductor AXK5F10347YG Datasheet HTML 7Page - Panasonic Semiconductor AXK5F10347YG Datasheet HTML 8Page - Panasonic Semiconductor AXK5F10347YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5/6)F
ACCTB23E 201303-T
SPECIFICATIONS
1. Characteristics
2. Material and surface treatment
Item
Specifications
Conditions
Electrical
characteristics
Rated current
0.5A/pin contact (Max. 10 A at total pin contacts)
Rated voltage
60V AC/DC
Breakdown voltage
150V AC for 1 minute
Detection current: 1mA
Insulation resistance
Min. 1,000M
Ω (initial)
Using 500V DC megger
Contact resistance
Max. 90m
Based on the contact resistance measurement method specified by
JIS C 5402.
Mechanical
characteristics
Composite insertion force
Max. 0.981N/pin contacts
× pin contacts (initial)
Composite removal force
Min. 0.0588N/pin contacts
× pin contacts
Contact holding force
Min. 0.981N/pin contact
Measuring the maximum force.
As the contact is axially pull out.
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures
Soldering heat resistance
Max. peak temperature of 260
°C (on the surface
of the PC board around the connector terminals)
Infrared reflow soldering
300
°C within 5 seconds, 350°C within 3 seconds Soldering iron
Storage temperature
–55
°C to +85°C (product only)
–40
°C to +50°C (emboss packing)
No freezing at low temperatures. No dew condensation.
Thermal shock resistance
(header and socket mated)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 90m
Conformed to MIL-STD-202F, method 107G
Humidity resistance
(header and socket mated)
120 hours, insulation resistance min. 100M
Ω,
contact resistance max. 90m
Bath temperature 40
±2°C, humidity 90 to 95% R.H.
Saltwater spray resistance
(header and socket mated)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 90m
Bath temperature 35
±2°C, saltwarter concentration 5±1%
H2S resistance
(header and socket mated)
48 hours,
contact resistance max. 90m
Bath temperature 40
±2°C, gas concentration 3±1 ppm,
humidity 75 to 80% R.H.
Lifetime
characteristics
Insertion and removal life
50 times
Repeated insertion and removal speed of max. 200 times/hours
Unit weight
Mated height 1.5mm, 20 pin contacts;
Socket: 0.06g
Header: 0.04g
Part name
Material
Surface treatment
Molded portion
LCP resin (UL94V-0)
Contact/Post
Copper alloy
Contact portion: Ni plating on base, Au plating on surface
Terminal portion: Ni plating on base, Au plating on surface (Except for thick of terminal)
The section close to the soldering portion has a nickel barrier.
(The nickel base is exposed.)
Order Temperature (
°C)
Time (minutes)
1
2
3
4
–55
85
–55
0
−3
30
Max. 5
30
Max. 5
+3
0
0
−3


Similar Part No. - AXK5F10347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results

Similar Description - AXK5F10347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com