Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXD2SA-9V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TXD2SA-9V
Description  High Breakdown Voltage Relay Communications (xDSL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXD2SA-9V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TXD2SA-9V Datasheet HTML 1Page - Panasonic Semiconductor TXD2SA-9V Datasheet HTML 2Page - Panasonic Semiconductor TXD2SA-9V Datasheet HTML 3Page - Panasonic Semiconductor TXD2SA-9V Datasheet HTML 4Page - Panasonic Semiconductor TXD2SA-9V Datasheet HTML 5Page - Panasonic Semiconductor TXD2SA-9V Datasheet HTML 6Page - Panasonic Semiconductor TXD2SA-9V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TX-D
ASCTB19E 201209-T
ORDERING INFORMATION
High Breakdown
Voltage Relay
TX-D RELAYS
FEATURES
1. Approved to the supplementary
insulation class in the EN standards
(EN60950).
The insulation distance between the
contact and coil meet the
supplementary insulation class of the
EN60950 standards as required for
equipment connected to the telephone
lines in Europe.
Satisfies the following conditions:
• Clearances: 2.0 mm .079 inch or
more
• Creepage distance: 2.5 mm .098 inch
or more
RoHS compliant
2. 3,000 V breakdown voltage between
contact and coil.
The body block construction of the coil
that is sealed formation offers a high
breakdown voltage of 3,000 V between
contact and coil.
3. Nominal operating power:
High sensitivity of 200mW
By using the highly efficient polar
magnetic circuit “seesaw balance
mechanism”, a nominal operating
power of 200 mW has been achieved.
4. High contact capacity: 2 A 30 V DC
5. High contact reliability achieved
with gold-clad crossbar twin
contacts and the use of gas
expelling materials during
formation.
*We also offer a range of products with
AgPd contacts suitable for use in low
level load analog circuits (Max. 10V
DC 10 mA).
6. Outstanding vibration and shock
resistance.
Functional shock resistance: 750 m/s2
Destructive shock resistance:
1,000 m/s2
Functional vibration resistance:
10 to 55 Hz (at double amplitude of
3.3 mm .130 inch)
Destructive vibration resistance:
10 to 55 Hz (at double amplitude of
5 mm .197 inch)
7. Sealed construction allows
automatic washing.
TYPICAL APPLICATIONS
1. Facsimile
2. Modem
3. Communications (xDSL)
4. Medical equipment
5. Security
Nominal coil voltage (DC)
3, 4.5, 5, 6, 9, 12, 24V
Contact arrangement
2: 2 Form C
TXD
2
Type of operation
Nil:
2M:
Standard type
M.B.B. type
Contact material
Nil:
1:
Standard contact (Ag+Au clad)
AgPd contact (low level load); AgPd+Au clad (stationary), AgPd (movable)
Operating function
Nil: Single side stable
L: 1 coil latching
Surface-mount availability
Nil:
SA:
Standard PC board terminal
SA type
Packing style
Nil:
X:
Z:
Tube packing
Tape and reel (picked from 1/3/4/5-pin side)
Tape and reel packing (Picked from the 8/9/10/12-pin side)
Note: In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.


Similar Part No. - TXD2SA-9V

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
   2000 WATT AC/DC POWER SUPPLY
TXD2000 CANDD-TXD2000 Datasheet
192Kb / 4P
   AC/DC POWER SUPPLY
More results

Similar Description - TXD2SA-9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
   High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
   High breakdown voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDAE60F60G SEMIHOW-HDAE60F60G Datasheet
435Kb / 3P
   High Breakdown Voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42T1G MAKOSEMI-MMBTA42T1G Datasheet
85Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDSE8U60G SEMIHOW-HDSE8U60G Datasheet
461Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com