Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXN520045G Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AXN520045G
Description  Narrow pitch connectors (0.5mm pitch) Automatic Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXN520045G Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXN520045G Datasheet HTML 1Page - Panasonic Semiconductor AXN520045G Datasheet HTML 2Page - Panasonic Semiconductor AXN520045G Datasheet HTML 3Page - Panasonic Semiconductor AXN520045G Datasheet HTML 4Page - Panasonic Semiconductor AXN520045G Datasheet HTML 5Page - Panasonic Semiconductor AXN520045G Datasheet HTML 6Page - Panasonic Semiconductor AXN520045G Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
AXN(5/6)
ACCTB18E 201201-T
• Socket and Header are mated
EMBOSSED TAPE DIMENSIONS (unit: mm, Common for respective contact type, socket and header)
Dimension table (mm)
Connector orientation with respect to direction of progress of embossed tape
Mated height
No. of pins
Type of taping
A
B
C
D
Quantity per reel
Socket and header
are common: 5.0mm
20 to 60
Tape I
24.0
11.5
25.4
1,000
80
Tape II
32.0
28.4
14.2
33.4
1,000
100
Tape II
44.0
40.4
20.2
45.4
1,000
• Header
Dimension table (mm)
No. of
pins
A
B
20
7.40
4.50
30
9.90
7.00
40
12.40
9.50
50
14.90
12.00
60
17.40
14.50
80
22.40
19.50
100
27.40
24.50
A
B
±0.1
3.88
0.50
±0.05
0.50
±0.05
0.20
±0.03
Contact
60 0.10
Contact
60 0.12
General tolerance:
±0.2
Recommended PC board pattern
(TOP VIEW)
B
±0.05
0.50
±0.05
0.50
±0.05
0.25
±0.05
0.75
±0.05
0.125
±0.05
Resist is recommended
• Tape dimensions (Conforming to JIS C 0806-1990.
However, some tapes have mounting hole pitches that do
not comply with the standard.)
Tape I
Tape II
1.75
C
12.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
12.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
• Plastic reel dimensions (Conforming to EIAJ ET–7200B)
D
±1
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
Type
Direction
of tape progress
Common for P5 Floating type
Socket
Header
This corner is oriented on the C side.
This corner is oriented on the C side.


Similar Part No. - AXN520045G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN1000115S PANASONIC-AXN1000115S Datasheet
228Kb / 13P
   Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXN1300115P PANASONIC-AXN1300115P Datasheet
228Kb / 13P
   Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXN1300115S PANASONIC-AXN1300115S Datasheet
228Kb / 13P
   Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXN1400115P PANASONIC-AXN1400115P Datasheet
228Kb / 13P
   Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXN1400115S PANASONIC-AXN1400115S Datasheet
228Kb / 13P
   Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
More results

Similar Description - AXN520045G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN316038S PANASONIC-AXN316038S Datasheet
228Kb / 13P
   Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com