Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AYF533865 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AYF533865
Description  FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF533865 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AYF533865 Datasheet HTML 1Page - Panasonic Semiconductor AYF533865 Datasheet HTML 2Page - Panasonic Semiconductor AYF533865 Datasheet HTML 3Page - Panasonic Semiconductor AYF533865 Datasheet HTML 4Page - Panasonic Semiconductor AYF533865 Datasheet HTML 5Page - Panasonic Semiconductor AYF533865 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
ACCTB13E 201204-T
Notes on Using FPC Connectors (Common)
PC board design
Design the recommended foot pattern in
order to secure the mechanical strength
in the soldered areas of the terminal.
FPC and equipment design
Design the FPC based with
recommended dimensions to ensure the
required connector performance.
When back lock type is used, secure
enough space for closing the lever and
for open-close operation of the lever.
Due to the FPC size, weight, or the
reaction force of the routed FPC.
Carefully check the equipment design
and take required measures to prevent
the FPC from being removed due to a fall,
vibration, or other impact.
Connector mounting
Excessive mounter chucking force may
deform the molded or metal part of the
connector. Consult us in advance if
chucking is to be applied.
Soldering
1) Manual soldering.
• Due to the connector’s compact size, if
an excessive amount of solder is applied
during manual soldering, the solder may
creep up near the contact points, or
solder interference may cause imperfect
contact.
• Make sure that the soldering iron tip is
heated within the temperature and time
limits indicated in the specifications.
• Flux from the solder wire may adhere to
the contact surfaces during soldering
operations. After soldering, carefully
check the contact surfaces and clean off
any flux before use.
• Be aware that a load applied to the
connector terminals while soldering may
displace the contact.
• Thoroughly clean the iron tip.
2) Reflow soldering
• Screen-printing is recommended for
printing paste solder.
• To achieve the appropriate soldering
state, make sure that the reflow
temperature, PC board foot pattern,
window size and thickness of metal mask
are recommended condition.
• Note that excess solder on the terminals
prevents complete insertion of the FPC,
and that excess solder on the soldering
terminals prevents the lever from rotating.
• Consult us when using a screen-printing
thickness other than that recommended.
• Depending on the size of the connector
being used, self alignment may not be
possible. Accordingly, carefully position
the terminal with the PC board pattern.
• The recommended reflow temperature
profile is given in the figure below
Recommended reflow temperature
profile
• The temperature is measured on the
surface of the PC board near the
connector terminal.
• Certain solder and flux types may cause
serious solder creeping. Solder and flux
characteristics should be taken into
consideration when setting the reflow
soldering conditions.
• When performing reflow soldering on
the back of the PC board after reflow
soldering the connector, secure the
connector using, for example, an
adhesive. (Double reflow soldering on the
same side is possible)
3) Reworking on a soldered portion
• Finish reworking in one operation.
• For reworking of the solder bridge, use
a soldering iron with a flat tip. Do not add
flux, otherwise the flux may creep to the
contact parts.
• Use a soldering iron whose tip
temperature is within the temperature
range specified in the specifications.
Do not drop or handle the
connector carelessly. Otherwise, the
terminals may become deformed due
to excessive force or applied
solderability may be during reflow
degrade.
Don’t open/close the lever or insert/
remove an FPC until the connector is
soldered. Forcibly applied external
pressure on the terminals can weaken
the adherence of the terminals to the
molded part or cause the terminals to
lose their evenness. In addition, do
not insert an FPC into the connector
before soldering the connector.
When cutting or bending the PC
board after mounting the connector,
be careful that the soldered sections
are subjected to excessive force.
Other Notes
When coating the PC board after
soldering the connector (to prevent the
deterioration of insulation), perform the
coating in such a way so that the coating
does not get on the connector.
The connectors are not meant to be used
for switching.
Terminal
Paste solder
PC board foot pattern
150
°C
180
°C
230
°C
220
°C
200
°C
260
°C
Temperature
Upper limit (Soldering heat resistance)
Lower limit (Solder wettability)
Preheating
Peak temperature
Time
25 sec.
70 sec.
60 to 120 sec.
Please refer to the latest product
specifications when designing your
product.
The soldered areas should not be subjected to force.


Similar Part No. - AYF533865

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
More results

Similar Description - AYF533865

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
   FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
   Low Profile 0.5mm Pitch Connectors For FPC
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
   FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
FHY JST-FHY Datasheet
72Kb / 2P
   FHY CONNECTOR 0.5mm pitch/Connectors for FPC
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
DDK Ltd.
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com