Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72210S0511K101 Datasheet(PDF) 5 Page - EPCOS

Part # B72210S0511K101
Description  SIOV metal oxide varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72210S0511K101 Datasheet(HTML) 5 Page - EPCOS

  B72210S0511K101 Datasheet HTML 1Page - EPCOS B72210S0511K101 Datasheet HTML 2Page - EPCOS B72210S0511K101 Datasheet HTML 3Page - EPCOS B72210S0511K101 Datasheet HTML 4Page - EPCOS B72210S0511K101 Datasheet HTML 5Page - EPCOS B72210S0511K101 Datasheet HTML 6Page - EPCOS B72210S0511K101 Datasheet HTML 7Page - EPCOS B72210S0511K101 Datasheet HTML 8Page - EPCOS B72210S0511K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
B72205S0350K101
S05K35
35
45
100
1.1
0.01
B72207S0350K101
S07K35
35
45
250
2.5
0.02
B72210S0350K101
S10K35
35
45
500
5.4
0.05
B72214S0350K101
S14K35
35
45
1000
10.0
0.10
B72220S0350K101
S20K35
35
45
2000
33.0
0.20
B72205S0400K101
S05K40
40
56
100
1.3
0.01
B72207S0400K101
S07K40
40
56
250
3.0
0.02
B72210S0400K101
S10K40
40
56
500
6.4
0.05
B72214S0400K101
S14K40
40
56
1000
13.0
0.10
B72220S0400K101
S20K40
40
56
2000
37.0
0.20
B72205S0500K101
S05K50
50
65
400
1.8
0.10
B72207S0500K101
S07K50
50
65
1200
4.2
0.25
B72210S0500K101
S10K50
50
65
2500
8.4
0.40
B72214S0500K101
S14K50
50
65
4500
15.0
0.60
B72220S0500K101
S20K50
50
65
6500
27.0
1.00
B72205S0600K101
S05K60
60
85
400
2.2
0.10
B72207S0600K101
S07K60
60
85
1200
4.8
0.25
B72210S0600K101
S10K60
60
85
2500
10.0
0.40
B72214S0600K101
S14K60
60
85
4500
17.0
0.60
B72220S0600K101
S20K60
60
85
6500
33.0
1.00
B72205S0750K101
S05K75
75
100
400
2.5
0.10
B72207S0750K101
S07K75
75
100
1200
5.9
0.25
B72210S0750K101
S10K75
75
100
2500
12.0
0.40
B72214S0750K101
S14K75
75
100
4500
20.0
0.60
B72220S0750K101
S20K75
75
100
6500
40.0
1.00
B72205S0950K101
S05K95
95
125
400
3.4
0.10
B72207S0950K101
S07K95
95
125
1200
7.6
0.25
B72210S0950K101
S10K95
95
125
2500
15.0
0.40
B72214S0950K101
S14K95
95
125
4500
25.0
0.60
B72220S0950K101
S20K95
95
125
6500
50.0
1.00
Maximum ratings (TA = 85 °C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20
µs)
A
Wmax
(2 ms)
J
Pmax
W
StandarD series
Leaded varistors


Similar Part No. - B72210S0511K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72210S0511K101 EPCOS-B72210S0511K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72210S0511K101 EPCOS-B72210S0511K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S0511K101 EPCOS-B72210S0511K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S0511K101 EPCOS-B72210S0511K101 Datasheet
304Kb / 36P
   SIOV metal oxide varistors
B72210S0511K101 EPCOS-B72210S0511K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72210S0511K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com