Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72540V0140K062 Datasheet(PDF) 2 Page - EPCOS

Part # B72540V0140K062
Description  SMD Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72540V0140K062 Datasheet(HTML) 2 Page - EPCOS

  B72540V0140K062 Datasheet HTML 1Page - EPCOS B72540V0140K062 Datasheet HTML 2Page - EPCOS B72540V0140K062 Datasheet HTML 3Page - EPCOS B72540V0140K062 Datasheet HTML 4Page - EPCOS B72540V0140K062 Datasheet HTML 5Page - EPCOS B72540V0140K062 Datasheet HTML 6Page - EPCOS B72540V0140K062 Datasheet HTML 7Page - EPCOS B72540V0140K062 Datasheet HTML 8Page - EPCOS B72540V0140K062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
118 04/02
Maximum ratings (0402 … 0603: TA = 85 °C; 0805 … 2220: TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
CT0603M4G
B72500T0040M060
4
5,5
30
0,1
0,003
CT0805M4G
B72510T0040M062
4
5,5
100
0,1
0,005
CT1206M4G
B72520T0040M062
4
5,5
150
0,3
0,008
CT1210M4G
B72530T0040M062
4
5,5
250
0,4
0,010
CT1812M4G
B72580T0040M062
4
5,5
500
0,8
0,015
CT2220M4G
B72540T0040M062
4
5,5
1000
1,4
0,020
CT0603M6G
B72500T0060M060
6
8
30
0,1
0,003
CT0805M6G
B72510T0060M062
6
8
120
0,2
0,005
CT0805M6CCG B72510T5060M062
6
8
120
0,2
0,005
CT1206M6G
B72520T0060M062
6
8
200
0,4
0,008
CT1210M6G
B72530T0060M062
6
8
300
0,7
0,010
CT1812M6G
B72580T0060M062
6
8
500
1,0
0,015
CT2220M6G
B72540T0060M062
6
8
1200
3,6
0,020
CT0603M7G
B72500T0070M060
7
9
30
0,1
0,003
CT0603L8G
B72500T0080L060
8
11
30
0,1
0,003
CT0805L8G
B72510T0080L062
8
11
120
0,2
0,005
CT1206L8G
B72520T0080L062
8
11
200
0,5
0,008
CT1210L8G
B72530T0080L062
8
11
400
1,0
0,010
CT1812L8G
B72580T0080L062
8
11
800
1,8
0,015
CT2220L8G
B72540T0080L062
8
11
1200
4,2
0,020
CT0603K11G
B72500T0110K060
11
14
30
0,2
0,003
CT0805K11G
B72510T0110K062
11
14
120
0,2
0,005
CT1206K11G
B72520T0110K062
11
14
200
0,5
0,008
CT1210K11G
B72530T0110K062
11
14
400
1,2
0,010
CT1812K11G
B72580T0110K062
11
14
800
1,9
0,015
CT2220K11G
B72540T0110K062
11
14
1200
5,4
0,020
CT0402L14G
B72590T0140L060
14
16
10
0,01
0,003
CT0603K14G
B72500T0140K060
14
18
30
0,2
0,003
CT0805K14G
B72510T0140K062
14
18
120
0,3
0,005
CT1206K14G
B72520T0140K062
14
18
200
0,5
0,008
CT1210K14G
B72530T0140K062
14
18
400
1,5
0,010
CT1812K14G
B72580T0140K062
14
18
800
2,3
0,015
CT2220K14G
B72540T0140K062
14
18
1200
5,8
0,020
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Nickel Barrier Termination (available upon request)
SMD Varistors


Similar Part No. - B72540V0140K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540V0140K062 EPCOS-B72540V0140K062 Datasheet
129Kb / 15P
   Multilayer technology
B72540V0140K062 EPCOS-B72540V0140K062 Datasheet
1Mb / 67P
   Ceramic transient voltage suppressors
B72540V0140K062 EPCOS-B72540V0140K062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72540V0140K062 EPCOS-B72540V0140K062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72540V0140K062 EPCOS-B72540V0140K062 Datasheet
1Mb / 83P
   Ceramic transient voltage suppressors
More results

Similar Description - B72540V0140K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
B72520V40M62 EPCOS-B72520V40M62 Datasheet
131Kb / 15P
   SMD Varistors
B72660M0600S172 EPCOS-B72660M0600S172 Datasheet
89Kb / 3P
   SMD Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
   Low Voltage SMD Varistors
08/19/2019
logo
EPCOS
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
   SMD disk varistors standard series
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com