Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXD2SA-L-12V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # TXD2SA-L-12V
Description  High Breakdown Voltage Relay Communications (xDSL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXD2SA-L-12V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  TXD2SA-L-12V Datasheet HTML 1Page - Panasonic Semiconductor TXD2SA-L-12V Datasheet HTML 2Page - Panasonic Semiconductor TXD2SA-L-12V Datasheet HTML 3Page - Panasonic Semiconductor TXD2SA-L-12V Datasheet HTML 4Page - Panasonic Semiconductor TXD2SA-L-12V Datasheet HTML 5Page - Panasonic Semiconductor TXD2SA-L-12V Datasheet HTML 6Page - Panasonic Semiconductor TXD2SA-L-12V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TX-D
ASCTB19E 201209-T
4. Electrical life (2 A 30 V DC resistive load)
Tested sample: TXD2-5V, 6 pcs.
Operating speed: 20 cpm
Change of pick-up and drop-out voltage
Change of contact resistance
5-(1). Coil temperature rise
Tested sample: TXD2-5V, 6 pcs.
Measured portion: Inside the coil
Ambient temperature: 25
°C 77°F, 70°C 158°F
Max.
Min.
Max.
Min.
No. of operations,
×104
0
10
20
30
40
50
60
70
80
90
100
Pick-up voltage
Drop-out voltage
02
4
6
8
10
No. of operations,
×104
0
10
20
30
40
50
60
70
80
90
100
02468
10
Max.
Min.
100
110
120
2A
0A
0A
Coil applied voltage, %V
2A
+25
°C
+70
°C
+77
°F
+158
°F
70
60
50
40
30
20
10
0
5-(2). Coil temperature rise
Tested sample: TXD2-24V, 6 pcs.
Measured portion: Inside the coil
Ambient temperature: 25
°C 77°F, 70°C 158°F
6-(1). Operate/release time characteristics
(with diode)
Tested sample: TXD2-5V, 10 pcs.
6-(2). Operate/release time characteristics
(without diode)
Tested sample: TXD2-5V, 10 pcs.
2A
0A
0A
100
110
120
Coil applied voltage, %V
2A
+25
°C
+70
°C
+77
°F
+158
°F
70
60
50
40
30
20
10
0
1
2
4
5
70
80
100
120
0
3
90
110
Max.
Max.
Min.
Min.
Coil applied voltage, %V
Release time
Operate time
1
2
4
5
70
80
100
120
0
3
90
110
Max.
Max.
Min.
Min.
Coil applied voltage, %V
Release time
Operate time
7. Ambient temperature characteristics
Tested sample: TXD2-5V, 5 pcs.
8. High-frequency characteristics
(Isolation)
Tested sample: TXD2-12V, 2 pcs.
9. High-frequency characteristics
(Insertion loss)
Tested sample: TXD2-12V, 2 pcs.
40
20
–20
–40
–40
20
0
–20
40
60
80
Drop-out voltage
Pick-up voltage
Ambient temperature,
°C
x
x
50
10
0
100
1,000
100
Frequency, MHz
0.6
10
0
100
1,000
0.2
0.4
1.0
0.8
Frequency, MHz
10. Malfunctional shock (single side stable)
Tested sample: TXD2-5V, 6 pcs
11-(1). Influence of adjacent mounting
Tested sample: TXD2-12V, 6 pcs.
11-(2). Influence of adjacent mounting
Tested sample: TXD2-12V, 6 pcs.
Y'
Y
XZ
Z'
X'
1000m/s 2
2
2
2
2
1000m/s 2
1000m/s
1000m/s
1000m/s
1000m/s
Deenergized
condition
Energized condition
Y
Y'
Z'
Z
X
X'
–5
0
5
–5
0
5
ON
ON
ON
OFF OFF
OFF
10
6
24
8
0
Inter-relay distance
, mm inch
Pick-up voltage
Drop-out voltage
.394
.236
.079 .157
.315
–5
0
5
–5
0
5
ON
ON
ON
OFF
OFF
OFF
010
6
24
8
Inter-relay distance
, mm inch
Pick-up voltage
Drop-out voltage
.394
.236
.079 .157
.315


Similar Part No. - TXD2SA-L-12V

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
   2000 WATT AC/DC POWER SUPPLY
TXD2000 CANDD-TXD2000 Datasheet
192Kb / 4P
   AC/DC POWER SUPPLY
More results

Similar Description - TXD2SA-L-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
   High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
   High breakdown voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDAE60F60G SEMIHOW-HDAE60F60G Datasheet
435Kb / 3P
   High Breakdown Voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42T1G MAKOSEMI-MMBTA42T1G Datasheet
85Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDSE8U60G SEMIHOW-HDSE8U60G Datasheet
461Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com