Electronic Components Datasheet Search |
|
AGLN010V5-ZVQ81YES Datasheet(PDF) 1 Page - Microsemi Corporation |
|
AGLN010V5-ZVQ81YES Datasheet(HTML) 1 Page - Microsemi Corporation |
1 / 150 page June 2013 I © 2013 Microsemi Corporation IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology Features and Benefits Low Power • nanoPower Consumption—Industry’s Lowest Power • 1.2 V to 1.5 V Core Voltage Support for Low Power • Supports Single-Voltage System Operation • Low Power Active FPGA Operation • Flash*Freeze Technology Enables Ultra-Low Power Consumption while Maintaining FPGA Content • Easy Entry to / Exit from Ultra-Low Power Flash*Freeze Mode Small Footprint Packages • As Small as 3x3 mm in Size Wide Range of Features • 10,000 to 250,000 System Gates • Up to 36 kbits of True Dual-Port SRAM • Up to 71 User I/Os Reprogrammable Flash Technology • 130-nm, 7-Layer Metal, Flash-Based CMOS Process • Instant On Level 0 Support • Single-Chip Solution • Retains Programmed Design When Powered Off • 250 MHz (1.5 V systems) and 160 MHz (1.2 V systems) System Performance In-System Programming (ISP) and Security • ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption via JTAG (IEEE 1532–compliant) • FlashLock® Designed to Secure FPGA Contents •1.2 V Programming High-Performance Routing Hierarchy • Segmented, Hierarchical Routing and Clock Structure Advanced I/Os • 1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation • Bank-Selectable I/O Voltages—up to 4 Banks per Chip • Single-Ended I/O Standards: LVTTL, LVCMOS 3.3V /2.5 V / 1.8V /1.5 V/1.2 V • Wide Range Power Supply Voltage Support per JESD8-B, Allowing I/Os to Operate from 2.7 V to 3.6 V • Wide Range Power Supply Voltage Support per JESD8-12, Allowing I/Os to Operate from 1.14 V to 1.575 V • I/O Registers on Input, Output, and Enable Paths • Selectable Schmitt Trigger Inputs • Hot-Swappable and Cold-Sparing I/Os • Programmable Output Slew Rate and Drive Strength • Weak Pull-Up/-Down • IEEE 1149.1 (JTAG) Boundary Scan Test • Pin-Compatible Packages across the IGLOO® Family Clock Conditioning Circuit (CCC) and PLL† • Up to Six CCC Blocks, One with an Integrated PLL • Configurable Phase Shift, Multiply/Divide, Delay Capabilities, and External Feedback • Wide Input Frequency Range (1.5 MHz up to 250 MHz) Embedded Memory • 1 kbit of FlashROM User Nonvolatile Memory • SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)† • True Dual-Port SRAM (except × 18 organization)† Enhanced Commercial Temperature Range • Tj = -20°C to +85°C † AGLN030 and smaller devices do not support this feature. IGLOO nano Devices AGLN010 AGLN0151 AGLN020 AGLN060 AGLN125 AGLN250 IGLOO nano-Z Devices1 AGLN030Z1 AGLN060Z1 AGLN125Z1 AGLN250Z1 System Gates 10,000 15,000 20,000 30,000 60,000 125,000 250,000 Typical Equivalent Macrocells 86 128 172 256 512 1,024 2,048 VersaTiles (D-flip-flops) 260 384 520 768 1,536 3,072 6,144 Flash*Freeze Mode (typical, µW) 2 4 4 5 10 16 24 RAM Kbits (1,024 bits)2 – – – – 18 36 36 4,608-Bit Blocks2 –– – – 4 8 8 FlashROM Kbits (1,024 bits) 1 1 1 1 1 1 1 Secure (AES) ISP2 –– – – Yes Yes Yes Integrated PLL in CCCs 2,3 –– – – 1 1 1 VersaNet Globals 4 4 4 6 18 18 18 I/O Banks 2 3 3 2 2 2 4 Maximum User I/Os (packaged device) 34 49 52 77 71 71 68 Maximum User I/Os (Known Good Die) 34 – 52 83 71 71 68 Package Pins UC/CS QFN VQFP UC36 QN48 QN68 UC81, CS81 QN68 UC81, CS81 QN48, QN68 VQ100 CS81 VQ100 CS81 VQ100 CS81 VQ100 Notes: 1. Not recommended for new designs. 2. AGLN030 and smaller devices do not support this feature. 3. AGLN060, AGLN125, and AGLN250 in the CS81 package do not support PLLs. 4. For higher densities and support of additional features, refer to the IGLOO and IGLOOe datasheets. Revision 17 |
Similar Part No. - AGLN010V5-ZVQ81YES |
|
Similar Description - AGLN010V5-ZVQ81YES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |