Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARN30A4HZ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ARN30A4HZ
Description  8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARN30A4HZ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ARN30A4HZ Datasheet HTML 1Page - Panasonic Semiconductor ARN30A4HZ Datasheet HTML 2Page - Panasonic Semiconductor ARN30A4HZ Datasheet HTML 3Page - Panasonic Semiconductor ARN30A4HZ Datasheet HTML 4Page - Panasonic Semiconductor ARN30A4HZ Datasheet HTML 5Page - Panasonic Semiconductor ARN30A4HZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RN (ARN)
ASCTB71E 201202-T
REFERENCE DATA
Heat sink (AQP-HS-SJ20A) (mm inch)
1. High frequency characteristics
Sample: ARN10A12
Measuring method: Measured with Agilent Technologies network analyzer (E8363B).
*For details see “9. Measuring method of High frequency
characteristics (Impedance 50
Ω)” under “NOTES”.
• V.S.W.R. characteristics
• Insertion loss characteristics
(without D.U.T. board’s loss)
• Isolation characteristics
COM-NC
COM-NO
Frequency, GHz
8
7
6
5
4
3
2
1
0
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
Reference value
Standard value
8
7
6
5
4
3
2
1
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency, GHz
COM-NO
COM-NC
Reference value
Standard value
Reference value
Standard value
8
7
6
5
4
3
2
1
0
0
10
20
30
40
50
60
70
80
90
100
Frequency, GHz
COM-NO
COM-NC
2. Contact carrying power (CW)
Max. 150 W (whith heat sink) (at 2 GHz, Impedance 50
Ω, V.S.W.R. Max. 1.15, at 20°C 68°F)
Max. 100 W (whithout heat sink) (at 2 GHz, Impedance 50
Ω, V.S.W.R. Max. 1.15, at 20°C 68°F)
85
60
35
20
-40
+185
+140
+95
+68
-40
Ambient temperature,
°C °F
200W
150W
100W
50W
100W
60W
0W
Whith heat sink
Range that can be used
Whithout heat sink
Range that can be used
Measuring conditions:
Heat sink (AQP-HS-SJ20A) is used. (Reference: 2.9
°C 37.22°F/W)
External dimensions
AQP812
45
1.6
.063
78
3.071
30
1.181
6
.236
83
3.268
1.772
40
1.575
30
1.181
5-M4
4.6
×5.6 elliptical hole
4.6 dia.
(Effective screw depth: 6 mm .236 inch)
.181
×.220
.181 dia.
47.6
1.874
78
3.071
90
3.543
100
3.937
General tolerance:
±0.1 ±.004


Similar Description - ARN30A4HZ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6023 RFMD-RFSW6023 Datasheet
660Kb / 10P
   25dB Isolation at 2GHz
logo
Nais(Matsushita Electri...
ARJ2003 NAIS-ARJ2003 Datasheet
602Kb / 5P
   SMD RELAYS WITH 8GHz CAPABILITIES
logo
Panasonic Semiconductor
ARXP1003 PANASONIC-ARXP1003 Datasheet
156Kb / 5P
   3 GHz MICROWAVE RELAY WITH 60 W CARRYING POWER
logo
Siemens Semiconductor G...
BFR14B SIEMENS-BFR14B Datasheet
142Kb / 5P
   NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
BFR14C SIEMENS-BFR14C Datasheet
122Kb / 4P
   NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
logo
M/A-COM Technology Solu...
MRF1150MA MA-COM-MRF1150MA Datasheet
196Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
logo
Linear Technology
LTC5548 LINER-LTC5548 Datasheet
193Kb / 6P
   2GHz to 14GHz Microwave Mixer with Low IF Frequency
logo
M/A-COM Technology Solu...
MRF1150MB MA-COM-MRF1150MB Datasheet
191Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com