Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LF409618B-6.5TQLI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61LF409618B-6.5TQLI
Description  2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF409618B-6.5TQLI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LF409618B-6.5TQLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LF409618B-6.5TQLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LF409618B-6.5TQLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LF409618B-6.5TQLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LF409618B-6.5TQLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF409618B-6.5TQLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF409618B-6.5TQLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF409618B-6.5TQLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF409618B-6.5TQLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. 00B
10/15/2012
Copyright © 2012 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no
liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on
any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause
failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written
assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
IS61LF204836B, IS61VF/VVF204836B
IS61LF409618B, IS61VF/VVF409618B
FEATURES
• Internal self-timed write cycle
• Individual Byte Write Control and Global Write
• Clock controlled, registered address, data and
control
• Burst sequence control using MODE input
• Three chip enable option for simple depth expan-
sion and address pipelining
• Common data inputs and data outputs
• Auto Power-down during deselect
• Single cycle deselect
• Snooze MODE for reduced-power standby
• JTAG Boundary Scan for PBGA package
• Power Supply
LF: Vdd 3.3V (+ 5%), Vddq 3.3V/2.5V (+ 5%)
VF: Vdd 2.5V (+ 5%), Vddq 2.5V (+ 5%)
VVF: Vdd 1.8V (+ 5%), Vddq 1.8V (+ 5%)
• JEDEC 100-Pin TQFP, 119-pin PBGA, and 165-
pin PBGA packages
• Lead-free available
ADVANCED INFORMATION
OCTOBER 2012
2M x 36, 4M x 18
72 Mb SYNCHRONOUS FLOW-THROUGH
STATIC RAM
DESCRIPTION
The 72Mb product family features high-speed, low-power
synchronous static RAMs designed to provide burstable,
high-performance memory for communication and network-
ing applications. The IS61LF/VF204836B is organized as
2,096,952 words by 36 bits. The IS61LF/VF409618B is
organized as 4,193,904 words by 18 bits. Fabricated with
ISSI's advanced CMOS technology, the device integrates
a 2-bit burst counter, high-speed SRAM core, and high-
drive capability outputs into a single monolithic circuit. All
synchronous inputs pass through registers controlled by
a positive-edge-triggered single clock input.
Writecyclesareinternallyself-timedandareinitiatedbythe
rising edge of the clock input. Write cycles can be one to
four bytes wide as controlled by the write control inputs.
Separate byte enables allow individual bytes to be writ-
ten. Byte write operation is performed by using byte write
enable (BWE) input combined with one or more individual
byte write signals (BWx). In addition, Global Write (GW)
is available for writing all bytes at one time, regardless of
the byte write controls.
Bursts can be initiated with either ADSP (Address Status
Processor) or ADSC (Address Status Cache Controller)
input pins. Subsequent burst addresses can be gener-
ated internally and controlled by the ADV (burst address
advance) input pin.
The mode pin is used to select the burst sequence order,
Linear burst is achieved when this pin is tied LOW. Inter-
leave burst is achieved when this pin is tied HIGH or left
floating.
FAST ACCESS TIME
Symbol
Parameter
-6.5
-7.5
Units
tkq
Clock Access Time
6.5
7.5
ns
tkc
Cycle Time
7.5
8.5
ns
Frequency
133
117
MHz


Similar Part No. - IS61LF409618B-6.5TQLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF102418A ISSI-IS61LF102418A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B2 ISSI-IS61LF102418A-6.5B2 Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B2I ISSI-IS61LF102418A-6.5B2I Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B3 ISSI-IS61LF102418A-6.5B3 Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B3I ISSI-IS61LF102418A-6.5B3I Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF409618B-6.5TQLI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481V33 CYPRESS-CY7C1481V33 Datasheet
638Kb / 30P
   2M x 36/4M x 18/1M x 72 Flow-through SRAM
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1481V33 CYPRESS-CY7C1481V33_07 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61QDB42M36 ISSI-IS61QDB42M36 Datasheet
712Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com