Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75307D3 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # HUF75307D3
Description  15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF75307D3 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button HUF75307D3 Datasheet HTML 2Page - Fairchild Semiconductor HUF75307D3 Datasheet HTML 3Page - Fairchild Semiconductor HUF75307D3 Datasheet HTML 4Page - Fairchild Semiconductor HUF75307D3 Datasheet HTML 5Page - Fairchild Semiconductor HUF75307D3 Datasheet HTML 6Page - Fairchild Semiconductor HUF75307D3 Datasheet HTML 7Page - Fairchild Semiconductor HUF75307D3 Datasheet HTML 8Page - Fairchild Semiconductor HUF75307D3 Datasheet HTML 9Page - Fairchild Semiconductor HUF75307D3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUF75307P3, HUF75307D3, HUF75307D3S Rev. B
SPICE Thermal Model
REV February 1999
HUF75307
CTHERM1 th 6 8.0e-4
CTHERM2 6 5 1.6e-3
CTHERM3 5 4 1.9e-3
CTHERM4 4 3 2.6e-3
CTHERM5 3 2 5.5e-3
CTHERM6 2 tl 1.8e-2
RTHERM1 th 6 8.0e-3
RTHERM2 6 5 2.1e-2
RTHERM3 5 4 2.2e-1
RTHERM4 4 3 6.4e-1
RTHERM5 3 2 7.7e-1
RTHERM6 2 tl 1.0
SABER Thermal Model
SABER thermal model HUF75307
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 = 8.0e-4
ctherm.ctherm2 6 5 = 1.6e-3
ctherm.ctherm3 5 4 = 1.9e-3
ctherm.ctherm4 4 3 = 2.6e-3
ctherm.ctherm5 3 2 = 5.5e-3
ctherm.ctherm6 2 tl = 1.8e-2
rtherm.rtherm1 th 6 = 8.0e-3
rtherm.rtherm2 6 5 = 2.1e-2
rtherm.rtherm3 5 4 = 2.2e-1
rtherm.rtherm4 4 3 = 6.4e-1
rtherm.rtherm5 3 2 = 7.7e-1
rtherm.rtherm6 2 tl = 1.0
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE
HUF75307P3, HUF75307D3, HUF75307D3S


Similar Part No. - HUF75307D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75307D3 INTERSIL-HUF75307D3 Datasheet
204Kb / 18P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUF75307D3S INTERSIL-HUF75307D3S Datasheet
204Kb / 18P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUF75307D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75307P3 FAIRCHILD-HUFA75307P3 Datasheet
217Kb / 10P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75307P3 INTERSIL-HUF75307P3 Datasheet
204Kb / 18P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75307T3ST FAIRCHILD-HUF75307T3ST Datasheet
175Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75307T3ST INTERSIL-HUF75307T3ST Datasheet
325Kb / 8P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
HUF75617D3 FAIRCHILD-HUF75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75617D3 FAIRCHILD-HUFA75617D3 Datasheet
197Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75617D3ST FAIRCHILD-HUF75617D3ST Datasheet
203Kb / 10P
   16A, 100V, 0.090 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com