Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXD2SA-L-6V-Z Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # TXD2SA-L-6V-Z
Description  High Breakdown Voltage Relay Communications (xDSL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXD2SA-L-6V-Z Datasheet(HTML) 7 Page - Panasonic Semiconductor

  TXD2SA-L-6V-Z Datasheet HTML 1Page - Panasonic Semiconductor TXD2SA-L-6V-Z Datasheet HTML 2Page - Panasonic Semiconductor TXD2SA-L-6V-Z Datasheet HTML 3Page - Panasonic Semiconductor TXD2SA-L-6V-Z Datasheet HTML 4Page - Panasonic Semiconductor TXD2SA-L-6V-Z Datasheet HTML 5Page - Panasonic Semiconductor TXD2SA-L-6V-Z Datasheet HTML 6Page - Panasonic Semiconductor TXD2SA-L-6V-Z Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TX-D
ASCTB19E 201209-T
2) Surface-mount terminal
Schematic (Top view)
NOTES
Type
External dimensions (General tolerance:
±0.3 ±.012)
Suggested mounting pad (Top view) (Tolerance:
±0.1 ±.004)
Single side stable and 1 coil latching
Single side stable and 1 coil latching
SA type
CAD Data
.591
15
0.65
.026
5.08
.200
5.08
.200
2.54
.100
8.2
.323
0.5
.020
0.25
.010
8.4
.331
9.4
±0.5
.370
±.020
.291
7.4
7.24
.285
.100
2.54
5.08
.200
1
.039
.124
3.16
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
10
3
9
4
8
5
12
1
+
Direction indication
12
1
8
5
9
4
10
3
+
1. Packing style
1) Tube packing
The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing (surface-mount
terminal type)
(1) Tape dimensions
mm inch
(2) Dimensions of plastic reel
mm inch
3) Ambient temperature when
transporting and during storage with the
product in its original packaging:
–40 to +70
°C –40 to +158°F
2. Automatic insertion
To maintain the internal function of the
relay, the chucking pressure should not
exceed the values below.
Chucking pressure in the direction A:
4.9 N {500gf} or less
Chucking pressure in the direction B:
9.8 N {1 kgf} or less
Chucking pressure in the direction C:
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be
avoided.
3. M.B.B. type
A small OFF time may be generated by
the contact bounce during contact
switching. Check the actual circuit
carefully.
If the relay is dropped accidentally, check
the appearance and characteristics
including M.B.B. time before use.
Orientation (indicates PIN No.1) stripe
Stopper (gray)
Stopper (green)
TX-D relays
Tape coming out direction
16.0
.630
.394
4.0
24.0 ±
0.3
.945 ±
.012
±0.2
9.2
±.008
.362
0.4
C
B
A
D
Relay polarity bar
(Z type)
2.0
11.5
1.75
15.5
.059
dia.
+.004
0
1.5
dia.
+0.1
0
.157
.016
.079
.069
.610
.453
10.0
±0.2
2.0
±.008
.079
+2
0
24.4
+.079
0
.961
±1
80
380
dia.
dia.
±2
±.039
3.150
14.961
dia.
dia.
±.079
2.0
.079
13 dia.
.512 dia.
21 dia.
.827 dia.
A
C
B
For general cautions for use,
please refer to the “Cautions for
use of Signal Relays” or “General
Application Guidelines”.
5V DC
Min. 10
µs
500
Measuring condition of M.B.B. time


Similar Part No. - TXD2SA-L-6V-Z

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
   2000 WATT AC/DC POWER SUPPLY
TXD2000 CANDD-TXD2000 Datasheet
192Kb / 4P
   AC/DC POWER SUPPLY
More results

Similar Description - TXD2SA-L-6V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
   High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
   High breakdown voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDAE60F60G SEMIHOW-HDAE60F60G Datasheet
435Kb / 3P
   High Breakdown Voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42T1G MAKOSEMI-MMBTA42T1G Datasheet
85Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDSE8U60G SEMIHOW-HDSE8U60G Datasheet
461Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com