Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX384-B4V7 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZX384-B4V7
Description  Voltage regulator diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX384-B4V7 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZX384-B4V7 Datasheet HTML 1Page - NXP Semiconductors BZX384-B4V7 Datasheet HTML 2Page - NXP Semiconductors BZX384-B4V7 Datasheet HTML 3Page - NXP Semiconductors BZX384-B4V7 Datasheet HTML 4Page - NXP Semiconductors BZX384-B4V7 Datasheet HTML 5Page - NXP Semiconductors BZX384-B4V7 Datasheet HTML 6Page - NXP Semiconductors BZX384-B4V7 Datasheet HTML 7Page - NXP Semiconductors BZX384-B4V7 Datasheet HTML 8Page - NXP Semiconductors BZX384-B4V7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2004 Mar 22
2
NXP Semiconductors
Product data sheet
Voltage regulator diodes
BZX384 series
FEATURES
• Total power dissipation: max. 300 mW
• Two tolerance series: ±2% and approx. ±5%
• Working voltage range: nominal 2.4 to 75 V (E24 range)
• Non-repetitive peak reverse power dissipation:
max. 40 W.
APPLICATIONS
• General regulation functions.
DESCRIPTION
Low-power voltage regulator diodes encapsulated in a
very small SOD323 (SC-76) plastic SMD package.
The diodes are available in the normalized E24
±2%
(BZX384-B) and approx.
±5% (BZX384-C) tolerance
range. The series consists of 37 types with nominal
working voltages from 2.4 to 75 V.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1
Simplified outline (SOD323; SC-76) and
symbol.
handbook, halfpage
;
;
12
Top view
MAM387
The marking bar indicates the cathode.


Similar Part No. - BZX384-B4V7

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX384-B4V7 GE-BZX384-B4V7 Datasheet
386Kb / 8P
   BZX384
logo
NXP Semiconductors
BZX384-B4V7 PHILIPS-BZX384-B4V7 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B4V7 NXP-BZX384-B4V7 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B4V7 NXP-BZX384-B4V7 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
logo
Nexperia B.V. All right...
BZX384-B4V7 NEXPERIA-BZX384-B4V7 Datasheet
320Kb / 14P
   Voltage regulator diodes
Rev. 4 - 1 January 2023
More results

Similar Description - BZX384-B4V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com