Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84J-B5V1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BZX84J-B5V1
Description  General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84J-B5V1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BZX84J-B5V1 Datasheet HTML 3Page - NXP Semiconductors BZX84J-B5V1 Datasheet HTML 4Page - NXP Semiconductors BZX84J-B5V1 Datasheet HTML 5Page - NXP Semiconductors BZX84J-B5V1 Datasheet HTML 6Page - NXP Semiconductors BZX84J-B5V1 Datasheet HTML 7Page - NXP Semiconductors BZX84J-B5V1 Datasheet HTML 8Page - NXP Semiconductors BZX84J-B5V1 Datasheet HTML 9Page - NXP Semiconductors BZX84J-B5V1 Datasheet HTML 10Page - NXP Semiconductors BZX84J-B5V1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BZX84J_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 1 August 2011
7 of 13
NXP Semiconductors
BZX84J series
Single Zener diodes
(1) Tj =25 C (prior to surge)
(2) Tj = 150 C (prior to surge)
Tj =25 C
Fig 1.
Non-repetitive peak reverse power dissipation
as a function of pulse duration; maximum
values
Fig 2.
Forward current as a function of forward
voltage; typical values
BZX84J-B/C2V4 to BZX84J-B/C4V7
Tj =25 C to 150 C
BZX84J-B/C5V1 to BZX84J-B/C15
Tj =25 C to 150 C
Fig 3.
Temperature coefficient as a function of
working current; typical values
Fig 4.
Temperature coefficient as a function of
working current; typical values
mbg801
103
1
tp (ms)
PZSM
(W)
10
102
10−1
10
1
(1)
(2)
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0
IZ (mA)
10−1
102
10
1
mld444
−1
−0.5
−1.5
0
0.5
SZ
(mV/K)
−2
2V4
4V7
4V3
3V9
3V6
3V3
3V0
2V7
mld445
4
0
8
12
SZ
(mV/K)
−4
IZ (mA)
10−1
102
10
1
15
13
12
11
10
9V1
5V6
5V1
8V2
7V5
6V8
6V2


Similar Part No. - BZX84J-B5V1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84J-B5V1 PHILIPS-BZX84J-B5V1 Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
logo
Nexperia B.V. All right...
BZX84J-B5V1 NEXPERIA-BZX84J-B5V1 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

Similar Description - BZX84J-B5V1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84J-B7V5,115 NXP-BZX84J-B7V5,115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BZB84-C5V1215 PHILIPS-BZB84-C5V1215 Datasheet
90Kb / 14P
   General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400_17 Datasheet
256Kb / 4P
   Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com