Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXT300124 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXT300124
Description  Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT300124 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXT300124 Datasheet HTML 1Page - Panasonic Semiconductor AXT300124 Datasheet HTML 2Page - Panasonic Semiconductor AXT300124 Datasheet HTML 3Page - Panasonic Semiconductor AXT300124 Datasheet HTML 4Page - Panasonic Semiconductor AXT300124 Datasheet HTML 5Page - Panasonic Semiconductor AXT300124 Datasheet HTML 6Page - Panasonic Semiconductor AXT300124 Datasheet HTML 7Page - Panasonic Semiconductor AXT300124 Datasheet HTML 8Page - Panasonic Semiconductor AXT300124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT3, 4
ACCTB14E 201303-T
ORDERING INFORMATION
For board-to-board For board-to-FPC
P4S Series
Narrow pitch connectors
(0.4mm pitch)
FEATURES
1. Space-saving (3.6 mm widthwise)
Smaller compared to P4 series with
soldering terminals (30 pin contacts):
Socket — 38% smaller,
Header — 34% smaller
2. Strong resistance to adverse
environments! Utilizes
“” construction
for high contact reliability.
3. Greater flexibility in connector
placement.
Pattern wiring to the connector bottom is
made possible with a molded covering on
the undersurface of the connector.
4. Gull-wing-shaped terminals to
facilitate visual inspections.
5. Connectors for inspection available
APPLICATIONS
Mobile devices, such as cellular
phones, digital still cameras and
digital video cameras.
Socket
Header
RoHS compliant
8.70 (30 pin contacts)
7.90 (30 pin contacts)
3.60
2.35
Socket
Header
Pickup cover (Material: SUS)
(Both covered and uncovered
types are available.)
Pickup cover (Material: LCP)
(Both covered and uncovered
types are available.)
Soldering terminals
at each corner
Soldering terminals
at each corner
<Socket>
Connector bottom:
Create any thru-hole and pattern wiring.
Soldering terminals
at each corner
Soldering terminals
at each corner
<Header>
Mated height
<Socket>
1: For mated height 1.5 mm and 2.0 mm
2: For mated height 2.5 mm and 3.0 mm
<Header>
1: For mated height 1.5 mm and 2.5 mm
2: For mated height 2.0 mm
3: For mated height 3.0 mm
Surface treatment (Contact portion / Terminal portion)
<Socket> 4: Ni plating on base, Au plating on surface (for Ni barrier available)
<Header> 4: Ni plating on base, Au plating on surface
Number of pins (2 digits)
3: Narrow Pitch Connector P4S (0.4 mm pitch) Socket
4: Narrow Pitch Connector P4S (0.4 mm pitch) Header
Functions
<Socket/Header>
2: Without pickup cover, without positioning bosses
6: With pickup cover, without positioning bosses
AXT
4


Similar Part No. - AXT300124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT300124 PANASONIC-AXT300124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
More results

Similar Description - AXT300124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com