Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55-BC10 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZV55-BC10
Description  Voltage regulator diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV55-BC10 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BZV55-BC10 Datasheet HTML 2Page - NXP Semiconductors BZV55-BC10 Datasheet HTML 3Page - NXP Semiconductors BZV55-BC10 Datasheet HTML 4Page - NXP Semiconductors BZV55-BC10 Datasheet HTML 5Page - NXP Semiconductors BZV55-BC10 Datasheet HTML 6Page - NXP Semiconductors BZV55-BC10 Datasheet HTML 7Page - NXP Semiconductors BZV55-BC10 Datasheet HTML 8Page - NXP Semiconductors BZV55-BC10 Datasheet HTML 9Page - NXP Semiconductors BZV55-BC10 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BZV55_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 26 January 2011
6 of 13
NXP Semiconductors
BZV55 series
Voltage regulator diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 s; square wave; Tj =25 C prior to surge
Table 9.
Characteristics per type; BZV55-B27 to BZV55-C75
Tj =25 C unless otherwise specified.
BZV55-
xxx
Sel
Working
voltage
VZ (V)
Differential resistance
rdif ()
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =2mA
IZ =0.5 mA
IZ =2mA
IZ =2mA
Min
Max
Typ
Max
Typ
Max
Min
Typ
Max
Max
Max
27
B
26.5
27.5
65
300
25
80
18.0
22.7
25.3
50
1.0
C
25.1
28.9
30
B
29.4
30.6
70
300
30
80
20.6
25.7
29.4
50
1.0
C
28.0
32.0
33
B
32.3
33.7
75
325
35
80
23.3
28.7
33.4
45
0.9
C
31.0
35.0
36
B
35.3
36.7
80
350
35
90
26.0
31.8
37.4
45
0.8
C
34.0
38.0
39
B
38.2
39.8
80
350
40
130
28.7
34.8
41.2
45
0.7
C
37.0
41.0
43
B
42.1
43.9
85
375
45
150
31.4
38.8
46.6
40
0.6
C
40.0
46.0
47
B
46.1
47.9
85
375
50
170
35.0
42.9
51.8
40
0.5
C
44.0
50.0
51
B
50.0
52.0
90
400
60
180
38.6
46.9
57.2
40
0.4
C
48.0
54.0
56
B
54.9
57.1
100
425
70
200
42.2
52.0
63.8
40
0.3
C
52.0
60.0
62
B
60.8
63.2
120
450
80
215
58.8
64.4
71.6
35
0.3
C
58.0
66.0
68
B
66.6
69.4
150
475
90
240
65.6
71.7
79.8
35
0.25
C
64.0
72.0
75
B
73.5
76.5
170
500
95
255
73.4
80.2
88.6
35
0.2
C
70.0
79.0


Similar Part No. - BZV55-BC10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55-BC10 NXP-BZV55-BC10 Datasheet
450Kb / 13P
   Voltage regulator diodes
Rev. 5-26 January 2011
More results

Similar Description - BZV55-BC10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com