Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMHA2801BV Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HMHA2801BV
Description  HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMHA2801BV Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HMHA2801BV Datasheet HTML 1Page - Fairchild Semiconductor HMHA2801BV Datasheet HTML 2Page - Fairchild Semiconductor HMHA2801BV Datasheet HTML 3Page - Fairchild Semiconductor HMHA2801BV Datasheet HTML 4Page - Fairchild Semiconductor HMHA2801BV Datasheet HTML 5Page - Fairchild Semiconductor HMHA2801BV Datasheet HTML 6Page - Fairchild Semiconductor HMHA2801BV Datasheet HTML 7Page - Fairchild Semiconductor HMHA2801BV Datasheet HTML 8Page - Fairchild Semiconductor HMHA2801BV Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
9/30/03
Page 5 of 9
© 2002 Fairchild Semiconductor Corporation
HALF PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
HMHAA280
HMHA2801 SERIES
HMHA281
123456789
10
10
20
30
40
50
VCE - COLLECTOR-EMITTER VOLTAGE (V)
0
0
Fig. 6 Collector Current vs. Collector-Emitter Voltage
VCE - COLLECTOR-EMITTER VOLTAGE (V)
Fig. 7 Collector Current vs. Collector-Emitter Voltage
TA - AMBIENT TEMPERATURE (˚C)
0
Fig. 8 Collector Dark Current vs. Temperature
Fig. 10 Collector-Emitter Saturation Voltage
vs. Temperature
RL - LOAD RESISTANCE (KΩ)
Fig. 9 Switching Time vs. Load Resistance
TA = 25˚C
IF = 50 mA
IF = 40 mA
IF = 30 mA
IF = 20 mA
IF = 10 mA
IF = 5.0 mA
IF = 1.0 mA
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
12
14
16
18
IF = 50 mA
IF = 40 mA
IF = 30 mA
IF = 20 mA
IF = 0.5 mA
IF = 1.0 mA
IF = 10 mA
IF = 5 mA
IF = 2 mA
20
40
60
80
100
1
10
100
0.01
0.001
0.1
1
10
VCE = 48 V
VCE = 10 V
VCE = 24 V
VCE = 5 V
0.1
1
10
100
1000
tOFF
tON
tS
TA = 25˚C
IF = 16 mA
VCC = 5 V
TA - AMBIENT TEMPERATURE (˚C)
-40
-20
0
20
40
60
80
100
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
IF = 5 mA
IC = 1 mA


Similar Part No. - HMHA2801BV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HMHA2801 FAIRCHILD-HMHA2801 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
logo
ON Semiconductor
HMHA2801 ONSEMI-HMHA2801 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801R2 ONSEMI-HMHA2801R2 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801R2V ONSEMI-HMHA2801R2V Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801V ONSEMI-HMHA2801V Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
More results

Similar Description - HMHA2801BV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
logo
ON Semiconductor
HMHA281 ONSEMI-HMHA281 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
logo
Fairchild Semiconductor
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com