Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4013BT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # HEF4013BT
Description  Tolerant of slow clock rise and fall times
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4013BT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button HEF4013BT Datasheet HTML 5Page - NXP Semiconductors HEF4013BT Datasheet HTML 6Page - NXP Semiconductors HEF4013BT Datasheet HTML 7Page - NXP Semiconductors HEF4013BT Datasheet HTML 8Page - NXP Semiconductors HEF4013BT Datasheet HTML 9Page - NXP Semiconductors HEF4013BT Datasheet HTML 10Page - NXP Semiconductors HEF4013BT Datasheet HTML 11Page - NXP Semiconductors HEF4013BT Datasheet HTML 12Page - NXP Semiconductors HEF4013BT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HEF4013B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 21 November 2011
9 of 16
NXP Semiconductors
HEF4013B
Dual D-type flip-flop
13. Application information
Fig 7.
N-stage shift register
Fig 8.
Binary ripple up-counter; divide-by-2n
Fig 9.
Modified ring counter; divide-by-(n + 1)
001aag089
CP
FF
1
Q
Q
D
DQ
clock
CP
FF
2
Q
Q
D
CP
FF
n
Q
Q
D
001aag090
CP
T-type flip-flop
FF
1
Q
Q
DQ
clock
CP
FF
2
Q
Q
D
CP
FF
n
Q
Q
D
001aag091
CP
FF
1
Q
Q
DQ
clock
CP
FF
2
Q
Q
D
CP
FF
n
Q
Q
D


Similar Part No. - HEF4013BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4013BT PHILIPS-HEF4013BT Datasheet
79Kb / 7P
   Dual D-type flip-flop
January 1995
HEF4013BT NXP-HEF4013BT Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF4013BT NEXPERIA-HEF4013BT Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
logo
NXP Semiconductors
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-Q100 PHILIPS-HEF4013BT-Q100 Datasheet
129Kb / 16P
   Standardized symmetrical output characteristics
Rev. 2-20 February 2013
More results

Similar Description - HEF4013BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
logo
Maxim Integrated Produc...
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
   Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145 TI-TPS2145 Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
   Precise detection of power voltage fall: 2.5%
logo
Systemsensor advanced i...
5251RP SYSTEMSENSOR-5251RP Datasheet
41Kb / 4P
   Rate-of-Rise Temperature Sensor
logo
Cypress Semiconductor
MB3793-34A CYPRESS-MB3793-34A Datasheet
949Kb / 26P
   Precise detection of power voltage fall: ?깍?2.5%
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com