Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC11C14FBD48 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC11C14FBD48
Description  32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11C14FBD48 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC11C14FBD48 Datasheet HTML 1Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 2Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 3Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 4Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 5Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 6Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 7Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 8Page - NXP Semiconductors LPC11C14FBD48 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
1.
General description
The LPC11Cx2/Cx4 are an ARM Cortex-M0 based, low-cost 32-bit MCU family, designed
for 8/16-bit microcontroller applications, offering performance, low power, simple
instruction set and memory addressing together with reduced code size compared to
existing 8/16-bit architectures.
The LPC11Cx2/Cx4 operate at CPU frequencies of up to 50 MHz.
The peripheral complement of the LPC11Cx2/Cx4 includes 16/32 kB of flash memory,
8 kB of data memory, one C_CAN controller, one Fast-mode Plus I2C-bus interface, one
RS-485/EIA-485 UART, two SPI interfaces with SSP features, four general purpose
counter/timers, a 10-bit ADC, and up to 40 general purpose I/O pins.
On-chip C_CAN drivers and flash In-System Programming tools via C_CAN are included.
In addition, the LPC11C22 and LPC11C24 parts include an on-chip, high-speed CAN
transceiver.
2.
Features and benefits
System:
ARM Cortex-M0 processor, running at frequencies of up to 50 MHz.
ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
Serial Wire Debug.
System tick timer.
Memory:
32 kB (LPC11Cx4) or 16 kB (LPC11Cx2) on-chip flash program memory.
8 kB SRAM data memory.
In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
bootloader software.
Flash ISP commands can be issued via UART or C_CAN.
Digital peripherals:
General Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors.
40 GPIO pins on the LPC11C12/C14 parts; 36 GPIO pins on the LPC11C22/C24
parts.
GPIO pins can be used as edge and level sensitive interrupt sources.
High-current output driver (20 mA) on one pin.
High-current sink drivers (20 mA) on two I2C-bus pins in Fast-mode Plus.
Four general purpose counter/timers with a total of four capture inputs and 13
(LPC11C12/C14) or 12 (LPC11C22/C24) match outputs.
LPC11Cx2/Cx4
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB
SRAM; C_CAN
Rev. 3.1 — 15 May 2013
Product data sheet


Similar Part No. - LPC11C14FBD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11C14FBD48 NXP-LPC11C14FBD48 Datasheet
1Mb / 61P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC11C14FBD48-301 NXP-LPC11C14FBD48-301 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
LPC11C14FBD48-301 NXP-LPC11C14FBD48-301 Datasheet
520Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC11C14FBD48/301 NXP-LPC11C14FBD48/301 Datasheet
310Kb / 49P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC11C14FBD48/301 NXP-LPC11C14FBD48/301 Datasheet
550Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.2-4 January 2016
More results

Similar Description - LPC11C14FBD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11CX2 NXP-LPC11CX2_11 Datasheet
520Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC11C12 NXP-LPC11C12 Datasheet
310Kb / 49P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC11CX2 NXP-LPC11CX2 Datasheet
1Mb / 61P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC11CX2 NXP-LPC11CX2_V01 Datasheet
550Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.2-4 January 2016
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com