Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2-2M-9V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TQ2-2M-9V
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2-2M-9V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TQ2-2M-9V Datasheet HTML 1Page - Panasonic Semiconductor TQ2-2M-9V Datasheet HTML 2Page - Panasonic Semiconductor TQ2-2M-9V Datasheet HTML 3Page - Panasonic Semiconductor TQ2-2M-9V Datasheet HTML 4Page - Panasonic Semiconductor TQ2-2M-9V Datasheet HTML 5Page - Panasonic Semiconductor TQ2-2M-9V Datasheet HTML 6Page - Panasonic Semiconductor TQ2-2M-9V Datasheet HTML 7Page - Panasonic Semiconductor TQ2-2M-9V Datasheet HTML 8Page - Panasonic Semiconductor TQ2-2M-9V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
ORDERING INFORMATION
2-pole 5 mm Surface
Mount Relay, JIS C0806
compliant
TQ RELAYS
FEATURES
1. Flat compact size
14.0(L)
× 9.0(W) × 5.0(H) .551(L) ×
.354(W)
× .197(H)
2. Nominal operating power:
High sensitivity of 140mW (2 Form
C single side stable type)
By using the highly efficient polar
magnetic circuit “seesaw balance
mechanism”, a nominal operating
power of 140 mW (minimum operating
power of 79 mW) has been achieved.
RoHS compliant
3. Suitable for SMD automatic
insertion (SA type)
With a height of 5.6 mm .220 inch, the
relays meet JIS C 0806 specifications.
4. High density mounting possible
High-efficiency magnetic circuits
ensure low magnetic flux leakage.
Because characteristics are little
changed by proximity mounting, high-
density mounting is possible.
5. The use of gold-clad twin crossbar
contacts ensures high contact
reliability.
6. DIL terminal array enables use of IC
sockets
7. Low thermal electromotive force
As well as low power consumption of
140 mW, use of a structure with
separate coil and contact sections has
reduced thermal electromotive force to
the low level of approximately 5
µV.
Surface mount types achieve
approximately 2
µV.
8. Latching types also available
9. Self-clinching terminal also
available
10. A range of surface-mount types is
also available.
SA: Low-profile surface-mount
terminal type
SL: High connection reliability surface-
mount terminal type
SS: Space saving surface-mount
terminal type
11. M.B.B. contact types available
TYPICAL APPLICATIONS
1. Communications
2. Measurement equipment
3. OA equipment
4. Industrial machines
Nominal coil voltage (DC)*
1.5 (SMD only), 3, 4.5, 5, 6, 9, 12, 24, 48V
Contact arrangement
2: 2 Form C
TQ
2
MBB function
Nil:
2M:
Standard (B.B.M.) type
2M.B.B. type
Terminal shape
Nil:
H:
SA:
SL:
SS:
Standard PC board terminal
Self-clinching terminal
SA type
SL type
SS type
Operating function
Nil:
L:
L2:
Single side stable
1 coil latching
2 coil latching
Packing style
Nil:
X:
Z:
Tube packing
Tape and reel (picked from 1/2/3/4/5-pin side)
Tape and reel packing (picked from the 6/7/8/9/10-pin side)
Notes: 1. *48 V coil type: Single side stable only
2. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.


Similar Part No. - TQ2-2M-9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2-2M-9V PANASONIC-TQ2-2M-9V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
More results

Similar Description - TQ2-2M-9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
   Measurement Equipment
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com