Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-217-760E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-217-760E
Description  DC Input , Half-Pitch Phototransistor Optocoupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-217-760E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-217-760E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
0
10
20
30
40
50
60
-25
-5
1535
557595
115
Ambient Temperature, Ta(º C)
ACPL-217
0
20
40
60
80
100
120
140
160
-25
0
25
50
75
100
125
Ambient Temperature, Ta(º C)
ACPL-217
10
100
1000
10000
0.0001
0.0010
0.0100
0.1000
1.0000
Duty Ratio
Ta = 25 º C
Pulse width
≤100 μs
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Forward Voltage, V F (V)
Ta = 110 ºC
75º C
50º C
25º C
0º C
-30º C
-3.2
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0.1
1
10
100
Forward current, IF (mA)
1
10
100
1000
0.5
1
1.5
2
2.5
3
Pulse Forward Voltage, VFP (V)
Repetitive
Frequency=100Hz
Ta=25ºC
Pulse Width
≤10 μs
Figure 3. Forward Current vs. Ambient Temperature.
Figure 4. Collector Power Dissipation vs. Ambient Temperature
Figure 5. Pulse Forward Current vs. Duty Cycle Ratio
Figure 6. Forward Current vs. Forward Voltage
Figure 7. Forward Voltage Temperature Coefficient vs. Forward Current
Figure 8. Pulse Forward Current vs. Pulse Forward Voltage


Similar Part No. - ACPL-217-760E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-217-50CE AVAGO-ACPL-217-50CE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-217-56AE AVAGO-ACPL-217-56AE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-217-760E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-217 BOARDCOM-ACPL-217 Datasheet
1Mb / 8P
   DC Input, Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-217-56AE AVAGO-ACPL-217-56AE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-217-50CE AVAGO-ACPL-217-50CE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-217 AVAGO-ACPL-217 Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler SO package
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247-560E AVAGO-ACPL-247-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-560E AVAGO-ACPL-227-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50CE AVAGO-ACPL-227-50CE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-227 BOARDCOM-ACPL-227 Datasheet
966Kb / 11P
   DC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com