Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0454-000E Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0454-000E
Description  High CMR, High Speed Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0454-000E Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0454-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454-000E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0454-000E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Electrical Specifications (DC)
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified. See note 12.
Parameter
Symbol
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Current
Transfer
Ratio
CTR
HCPL-4504
HCPL-0454
25
32
60
%
TA = 25°C
VO = 0.4 V
IF = 16 mA,
VCC = 4.5 V
1, 2,
4
5
21
34
VO = 0.5 V
HCPL-J454
19
37
60
TA = 25°C
VO = 0.4 V
13
39
VO = 0.5 V
HCNW4504
23
29
60
TA = 25°C
VO = 0.4 V
19
31
63
VO = 0.5 V
Current
Transfer
Ratio
CTR
HCPL-4504
HCPL-0454
26
35
65
%
TA = 25°C
VO = 0.4 V
IF = 12 mA,
VCC = 4.5 V
1, 2,
4
5
22
37
VO = 0.5 V
HCPL-J454
21
43
65
TA = 25°C
VO = 0.4 V
16
45
VO = 0.5 V
HCNW4504
25
33
65
TA = 25°C
VO = 0.4 V
21
35
68
VO = 0.5 V
Logic Low
Output
Voltage
VOL
HCPL-4504
HCPL-0454
0.2
0.4
V
TA = 25°C
IO = 4.0 mA
IF = 16 mA,
VCC = 4.5 V
0.5
IO = 3.3 mA
HCPL-J454
0.2
0.4
TA = 25°C
IO = 3.6 mA
0.5
IO = 3.0 mA
HCNW4504
0.2
0.4
TA = 25°C
IO = 3.6 mA
0.5
IO = 3.0 mA
Logic High
Output
Current
IOH
0.003
0.5
μA
TA = 25°C
VO = VCC = 5.5 V
IF = 0 mA
5
0.01
1
TA = 25°C
VO = VCC = 15 V
50
Logic Low
Supply
Current
ICCL
HCPL-4504
HCPL-0454
HCNW4504
50
200
μA
IF = 16 mA, VO = Open, VCC = 15 V
12
HCPL-J454
70
Logic High
Supply Current
ICCH
0.02
1
μA
TA = 25°C
IF = 0 mA, VO = Open,
12
2VCC = 15 V
Input Forward
Voltage
VF
HCPL-4504
HCPL-0454
1.5
1.7
V
TA = 25°C
IF = 16 mA
3
1.8
HCPL-J454
HCNW4504
1.45
1.59
1.85
TA = 25°C
IF = 16 mA
1.35
1.95
Input Reverse
Breakdown
Voltage
BVR
HCPL-4504
HCPL-0454
5V
IR = 10 μA
HCPL-J454
HCNW4504
3IR = 100 μA
Temperature
Coefficient
of Forward
Voltage
∆VF
∆TA
HCPL-4504
HCPL-0454
-1.6
mV/°C
IF = 16 mA
HCPL-J454
HCNW4504
-1.4
Input
Capacitance
CIN
HCPL-4504
HCPL-0454
60
pF
f = 1 MHz, VF = 0 V
HCPL-J454
HCNW4504
70
*All typicals at TA = 25°C.


Similar Part No. - HCPL-0454-000E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0454 HP-HCPL-0454 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
HCPL-0454 HP-HCPL-0454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0454 AVAGO-HCPL-0454 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
logo
Broadcom Corporation.
HCPL-0454 BOARDCOM-HCPL-0454 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
More results

Similar Description - HCPL-0454-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com