Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQ1-32400S Datasheet(PDF) 1 Page - NEC

Part # EQ1-32400S
Description  Same pin-layout as conventional relay, 70% less relay volume than conventional relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EQ1-32400S Datasheet(HTML) 1 Page - NEC

  EQ1-32400S Datasheet HTML 1Page - NEC EQ1-32400S Datasheet HTML 2Page - NEC EQ1-32400S Datasheet HTML 3Page - NEC EQ1-32400S Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
16
AUTOMOTIVE RELAYS
EQ1-31000S
1:
2:
Must Operate Voltage
(at 20
°C)
Type
Enclosure
Specific Code
NiI : Unsealed
S : Sealed
000 ~ 999
1:
2:
3:
Coil Resistance
(at 20
°C)
6.5 Vdc
7.2 Vdc
144
Ω±10%
180
Ω±10%
225
Ω±10%
EQ1 SERIES
FEATURES
Same pin-layout as conventional relay (MR301 Series)
70% less relay volume than conventional relay (MR301 Series)
80% less relay space than conventional relay (MR301 Series)
90% less relay height than conventional relay (MR301 Sereis)
60% less relay weight than conventional relay (MR301 Sereis)
Contact switching current of 30A max.
Flux tight housing
Delivered in stick-tube for automatic insertion machine
•Washable type available
PART NUMBERS AND COIL RATINGS
At 20
°C (68°F)
Part Number
Nominal
Coil
Nominal
Must Operate
Must Release
Nominal
Voltage
Resistance
Current
Voltage
Voltage
Operate Power
(Vdc)
(
Ω±10%)
(mA)
(Vdc)
(Vdc)
(W)
EQ1-31000S
12
225
53.3
6.5
0.9
0.64
EQ1-11040S
12
144
83.3
6.5
0.6
1.00
EQ1-22111S
12
180
66.7
7.2
0.7
0.80
EQ1-11111S
12
144
83.3
6.5
0.6
1.00
PART NUMBER SYSTEM


Similar Part No. - EQ1-32400S

ManufacturerPart #DatasheetDescription
logo
NEC
EQ1-31000 NEC-EQ1-31000 Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
EQ1-31000S NEC-EQ1-31000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
More results

Similar Description - EQ1-32400S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD6347F TOSHIBA-TD6347F Datasheet
184Kb / 6P
   CONVENTIONAL TIMER
TD6347S TOSHIBA-TD6347S Datasheet
181Kb / 6P
   CONVENTIONAL TIMER
logo
List of Unclassifed Man...
521BXT ETC2-521BXT Datasheet
256Kb / 2P
   Conventional Fire Alarms
logo
NIHON DEMPA KOGYO
YF10.0BP NDK-YF10.0BP Datasheet
83Kb / 1P
   Conventional Crystal Filter
logo
Harris Corporation
TN9300-2 HARRIS-TN9300-2 Datasheet
1Mb / 2P
   CONVENTIONAL NETWORK NODE
logo
Gamewell-FCI by Honeywe...
CIM-8 GAMEWELL-FCI-CIM-8 Datasheet
88Kb / 2P
   Conventional Input Module
logo
NIHON DEMPA KOGYO
10F7.5A NDK-10F7.5A Datasheet
93Kb / 1P
   Unlike conventional crystal filters,
logo
List of Unclassifed Man...
CS1204 ETC1-CS1204 Datasheet
117Kb / 1P
   CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
Systemsensor advanced i...
R-10T SYSTEMSENSOR-R-10T Datasheet
273Kb / 2P
   Multi-Voltage Conventional Relays
logo
American Zettler, Inc.
AZ9801 AZETTLER-AZ9801 Datasheet
92Kb / 2P
   70 AMP SUPER-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com