Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-817-060E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-817-060E
Description  Phototransistor Optocoupler High Density Mounting Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-817-060E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-817-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HCPL-817
Phototransistor Optocoupler High Density Mounting Type
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Features
• Current Transfer Ratio
(CTR: min. 50% at IF = 5 mA, VCE = 5 V)
• High input-output isolation voltage (Viso = 5000 Vrms)
• Response time
(tr: typ., 4
μs at VCE = 2 V, IC = 2 mA, RL = 100 Ω)
• Compact dual-in-line package
• UL approved
• CSA approved
• IEC/EN/DIN EN 60747-5-2 approved
• Options available:
– Leads with 0.4" (10.16 mm) spacing (W00)
– Leads bends for surface mounting (300)
– Tape and reel for SMD (500)
– IEC/EN/DIN EN 60747-5-2 approvals (060)
Applications
• Signal transmission between circuits of different
potentials and impedances
• I/O interfaces for computers
• Feedback circuit in power supply
Description
The HCPL-817 contains a light emitting diode optically
coupled to a phototransistor. It is packaged in a 4-pin DIP
package and available in wide-lead spacing option and
lead bend SMD option. Input-output isolation voltage is
5000 Vrms. Response time, tr, is typically 4
μs and minimum
CTR is 50% at input current of 5 mA.
Schematic
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
Functional Diagram
1
2
ANODE
CATHODE
VF
+
IF
4
3
COLLECTOR
EMITTER
IC
4
3
12
PIN NO. AND INTERNAL
CONNECTION DIAGRAM
1. ANODE
2. CATHODE
3. EMITTER
4. COLLECTOR


Similar Part No. - HCPL-817-060E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-817-060 HP-HCPL-817-060 Datasheet
205Kb / 6P
   Phototransistor Optocoupler High Density Mounting Type
More results

Similar Description - HCPL-817-060E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-817 HP-HCPL-817 Datasheet
205Kb / 6P
   Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
logo
Agilent(Hewlett-Packard...
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com