Electronic Components Datasheet Search |
|
DE2E3KY102ZA5A Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd. |
|
DE2E3KY102ZA5A Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd. |
7 / 83 page C85E.pdf Jul.13,2011 5 1 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. Safety Standard Certified Ceramic Capacitors Type KY (Basic Insulation) -IEC60384-14 Class X1, Y2- ød F ±1.0 (in mm) D max. e T max. Lead Code Coating Extension e A2, A3 Up to the end of crimp ød 0.6 ±0.05 [Bulk] Vertical Crimp Long (A2, A3) ød F ±0.8 D max. e T max. (in mm) Lead Code Coating Extension e B2, B3 Up to the end of crimp ød 0.6 ±0.05 [Bulk] Vertical Crimp Short (B2, B3) s Standard Certification Standard No. Rated Voltage Certified No. UL CSA VDE BSI SEMKO DEMKO FIMKO NEMKO ESTI NSW E37921 1283280 40006273 KM 37901 812168 314115 24197 P08209361 08.0710 6824 AC250V(r.m.s.) UL1414 CSA E60384-14 IEC 60384-14 EN 60384-14 EN 60065 (8.8, 14.2) IEC 60384-14 EN 60384-14 IEC 60384-14 EN 60384-14 IEC 60384-14 AS3250 • The certification number might change due to revision of the application standard and changes in the range of acquisition. • Please contact us when the certification of Chinese Safety Standard or South Korean Safety Standard is necessary. s Marking t Manufactured Date Code Class Code X1Y2 Rated Voltage Mark 250~ e Capacitance Tolerance w Nominal Capacitance (Under 100pF: Actual value, 100pF and over: Marked with 3 figures) q Type Designation KY r Company Name Code : Made in Taiwan : Made in Thailand 472M KY250~ X1 Y2 8 16 q w e r t Example Item 8 15 s Features 1. Compact size; diameter 25% less than Type KH. 2. Operating temperature range guaranteed up to 125 degrees (UL: 85 deg.). 3. Dielectric strength: AC2000V (for lead spacing F=5mm) AC2600V (for lead spacing F=7.5mm) 4. Class X1/Y2 capacitors certified by UL/CSA/VDE/BSI/SEMKO/DEMKO/FIMKO/NEMKO/ESTI/ NSW. 5. Coated with flame-retardant epoxy resin (conforming to UL94V-0 standard). Please contact us when a halogen-free product* is necessary. * Cl=900ppm max., Br=900ppm max. and Cl+Br=1500ppm max. 6. Taping available for automatic insertion. s Applications 1. Ideal for use as X/Y capacitors for AC line filters and primary-secondary coupling on switching power supplies and AC adapters. 2. Ideal for use on D-A isolation and noise absorption for DAA modems without transformers. Do not use these products in any automotive power train or safety equipment including battery chargers for electric vehicles and plug-in hybrids. Only Murata products clearly stipulated as "for Automotive use" on its catalog can be used for automobile applications such as power train and safety equipment. |
Similar Part No. - DE2E3KY102ZA5A |
|
Similar Description - DE2E3KY102ZA5A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |