Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72520T0040M062 Datasheet(PDF) 10 Page - EPCOS

Part # B72520T0040M062
Description  SMD Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72520T0040M062 Datasheet(HTML) 10 Page - EPCOS

Back Button B72520T0040M062 Datasheet HTML 6Page - EPCOS B72520T0040M062 Datasheet HTML 7Page - EPCOS B72520T0040M062 Datasheet HTML 8Page - EPCOS B72520T0040M062 Datasheet HTML 9Page - EPCOS B72520T0040M062 Datasheet HTML 10Page - EPCOS B72520T0040M062 Datasheet HTML 11Page - EPCOS B72520T0040M062 Datasheet HTML 12Page - EPCOS B72520T0040M062 Datasheet HTML 13Page - EPCOS B72520T0040M062 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
126 04/02
CN0603K17G
B72500V0170K060
17
22
30
0,2
0,003
CN0603K17LCG B72500V2170K060
17
22
10
0,1
0,001
CN0805K17G
B72510V0170K062
17
22
120
0,3
0,005
CN0805K17LCG B72510V2170K062
17
22
30
0,1
0,004
CN1206K17G
B72520V0170K062
17
22
200
0,6
0,008
CN1210K17G
B72530V0170K062
17
22
400
1,7
0,010
CN1812K17G
B72580V0170K062
17
22
800
2,7
0,015
CN2220K17G
B72540V0170K062
17
22
1200
7,2
0,020
CN0603K20G
B72500V0200K060
20
26
30
0,3
0,003
CN0805K20G
B72510V0200K062
20
26
80
0,3
0,005
CN1206K20G
B72520V0200K062
20
26
200
0,7
0,008
CN1210K20G
B72530V0200K062
20
26
400
1,9
0,010
CN1812K20G
B72580V0200K062
20
26
800
3,0
0,015
CN2220K20G
B72540V0200K062
20
26
1200
7,8
0,020
CN0603K25G
B72500V0250K060
25
31
30
0,3
0,003
CN0805K25G
B72510V0250K062
25
31
80
0,3
0,005
CN1206K25G
B72520V0250K062
25
31
200
1,0
0,008
CN1210K25G
B72530V0250K062
25
31
300
1,7
0,010
CN1812K25G
B72580V0250K062
25
31
800
3,7
0,015
CN2220K25G
B72540V0250K062
25
31
1200
9,6
0,020
CN0805K30G
B72510V0300K062
30
38
80
0,3
0,005
CN1206K30G
B72520V0300K062
30
38
200
1,1
0,008
CN1210K30G
B72530V0300K062
30
38
300
2,0
0,010
CN1812K30G
B72580V0300K062
30
38
800
4,2
0,015
CN2220K30G
B72540V0300K062
30
38
1200
12,0
0,020
CN1206K35G
B72520V0350K062
35
45
100
0,4
0,008
CN1210K35G
B72530V0350K062
35
45
250
2,0
0,010
CN1812K35G
B72580V0350K062
35
45
500
4,0
0,015
CN2220K35G
B72540V0350K062
35
45
1000
7,7
0,020
CN1206K40G
B72520V0400K062
40
56
100
0,5
0,008
CN1210K40G
B72530V0400K062
40
56
250
2,3
0,010
CN1812K40G
B72580V0400K062
40
56
500
4,8
0,015
CN2220K40G
B72540V0400K062
40
56
1000
9,0
0,020
Maximum ratings (0402 … 0603: TA = 85 °C; 0805 … 2220: TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Silver Palladium Termination (0402: Silver Platinum)
SMD Varistors


Similar Part No. - B72520T0040M062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520T0040M062 EPCOS-B72520T0040M062 Datasheet
129Kb / 15P
   Multilayer technology
B72520T0040M062 EPCOS-B72520T0040M062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72520T0040M062 EPCOS-B72520T0040M062 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72520T0040M062 EPCOS-B72520T0040M062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72520T0040M062 EPCOS-B72520T0040M062 Datasheet
131Kb / 15P
   SMD Varistors
More results

Similar Description - B72520T0040M062

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
B72520V40M62 EPCOS-B72520V40M62 Datasheet
131Kb / 15P
   SMD Varistors
B72660M0600S172 EPCOS-B72660M0600S172 Datasheet
89Kb / 3P
   SMD Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
   Low Voltage SMD Varistors
08/19/2019
logo
EPCOS
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
   SMD disk varistors standard series
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com