Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4661-500E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4661-500E
Description  High CMR, High Speed TTL Compatible Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4661-500E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4661-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
8-Pin Widebody DIP Package with Gull Wing Surface Mount Option 300
(HCNW137, HCNW2601/11)
Reflow Soldering Profile
1.00 ± 0.15
(0.039 ± 0.006)
7° NOM.
12.30 ± 0.30
(0.484 ± 0.012)
0.75 ± 0.25
(0.030 ± 0.010)
11.00
(0.433)
5
6
7
8
4
3
2
1
11.23 ± 0.15
(0.442 ± 0.006)
9.00 ± 0.15
(0.354 ± 0.006)
1.3
(0.051)
13.56
(0.534)
2.29
(0.09)
LAND PATTERN RECOMMENDATION
1.80 ± 0.15
(0.071 ± 0.006)
4.00
(0.158)
MAX.
1.55
(0.061)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
0.254
+ 0.076
- 0.0051
(0.010
+ 0.003)
- 0.002)
MAX.
The recommended reflow soldering conditions are per JEDEC Standard J-STD-020 (latest revision). Non-halide flux
should be used.
Regulatory Information
The 6N137, HCPL-26xx/06xx/46xx, and HCNW137/26xx have been approved by the following organizations:
UL
Recognized under UL 1577, Component Recognition
Program, File E55361.
CSA
Approved under CSA Component Acceptance Notice
#5, File CA 88324.
IEC/EN/DIN EN 60747-5-5


Similar Part No. - HCPL-4661-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4661 HP-HCPL-4661 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
162Kb / 10P
   Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4661 AVAGO-HCPL-4661 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results

Similar Description - HCPL-4661-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com