Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK5S60247YG Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AXK5S60247YG
Description  Narrow pitch connectors (0.5mm pitch) Automatic mounting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5S60247YG Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AXK5S60247YG Datasheet HTML 7Page - Panasonic Semiconductor AXK5S60247YG Datasheet HTML 8Page - Panasonic Semiconductor AXK5S60247YG Datasheet HTML 9Page - Panasonic Semiconductor AXK5S60247YG Datasheet HTML 10Page - Panasonic Semiconductor AXK5S60247YG Datasheet HTML 11Page - Panasonic Semiconductor AXK5S60247YG Datasheet HTML 12Page - Panasonic Semiconductor AXK5S60247YG Datasheet HTML 13Page - Panasonic Semiconductor AXK5S60247YG Datasheet HTML 14Page - Panasonic Semiconductor AXK5S60247YG Datasheet HTML 15Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5(S)/6(S))
ACCTB22E 201303-T
P5KS: Mated height 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, 9.0mm type
• Socket
• Header
P5KS: Mated height 4.0mm, 4.5mm for 120 pin contacts and 160 pin contacts types, 6.5mm for 130 pin contacts type
• Socket
• Header
Recommended PC board pattern
(TOP VIEW)
0.125
±0.05
0.50
±0.05
0.50
±0.05
0.25
±0.05
0.75
±0.05
B
±0.05
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Opening area ratio: 60%)
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Opening area ratio: 76%)
0.50
±0.01
0.50
±0.01
0.23
±0.01
0.115
±0.01
0.35
±0.01
B
±0.01
* See the dimension table on page 94 for more information on the B dimension.
Recommended PC board pattern
(TOP VIEW)
0.50
±0.05
0.50
±0.05
0.25
±0.05
0.75
±0.05
B
±0.05
0.125
±0.05
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Opening area ratio: 69%)
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Opening area ratio: 87%)
0.50
±0.01
0.50
±0.01
0.23
±0.01
0.115
±0.01
0.35
±0.01
B
±0.01
* See the dimension table on page 94 for more information on the B dimension.
Recommended PC board pattern
(TOP VIEW)
0.50
±0.05
0.25
±0.05
B
±0.05
0.5
±0.05
2.40
±0.05
(Pattern
dimensions)
3.00
±0.05
(Positioning
boss
dimentions)
C
±0.05
0.125
±0.05
2-0.65
±0.05 dia. (hole)
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Opening area ratio: 60%)
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Opening area ratio: 76%)
0.115
±0.01
0.35
±0.01
0.23
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
* See the dimension table on page 95 for more information on the B and C dimensions.
Recommended PC board pattern
(TOP VIEW)
0.50
±0.05
0.25
±0.05
B
±0.05
0.50
±0.05
2-0.65
±0.05 dia. (hole)
C
±0.05
0.125
±0.05
2.10
±0.05
(Positioning
boss
dimentions)
2.00
±0.05
(Pattern
dimensions)
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Opening area ratio: 69%)
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Opening area ratio: 87%)
0.23
±0.01
0.115
±0.01
0.35
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
* See the dimension table on page 95 for more information on the B and C dimensions.
Please refer to the latest product specifications
when designing your product.


Similar Part No. - AXK5S60247YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK5S60247YG PANASONIC-AXK5S60247YG Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5S60247YG PANASONIC-AXK5S60247YG Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK5S60247YG PANASONIC-AXK5S60247YG Datasheet
428Kb / 15P
   Automation Controls Catalog
More results

Similar Description - AXK5S60247YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN316038S PANASONIC-AXN316038S Datasheet
228Kb / 13P
   Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com